Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS12013-A Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PS12013-A
Description  Acoustic noise-less 0.4kW/AC400V Class 3 Phase inverter and other motor control applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS12013-A Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PS12013-A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS12013-A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS12013-A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS12013-A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS12013-A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS12013-A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUBISHI SEMICONDUCTOR <Application Specific Intelligent Power Module>
PS12013-A
FLAT-BASE TYPE
INSULATED TYPE
Jan. 2000
GND
VDL VDH
Fo Logic
Application Specific Intelligent
Power Module
CU CV CW
CL,FO1,FO2,FO3
UP VP WP
VN WN Br
UN
B
P
Protection
Circuit
Input Circuit
Drive Circuit
Drive Circuit
Input signal conditioning
Current sensing
circuit
Protection
circuit
Control supply
fault sense
R
S
T
Z : Surge absorber.
C : AC filter (Ceramic condenser 2.2~6.5nF)
[Note : Additionally an appropriate Line-to line
surge absorber circuit may become necessary
depending on the application environment].
C
Z
N
M
W
AC 400V class
line output
V
U
Brake resistor connection,
AC 400V class line input
Inrush prevention circuit,
etc.
T
S
Analogue signal output corresponding to
each phase current (5V line) Note 1)
PWM input
(5V line) Note 2)
Note 1) To prevent chances of signal oscillation, a series resistor (1k
Ω) coupling at each output is recommended.
Note 2) By virtue of integrating a photo-coupler inside the module, direct coupling to CPU, without any extemal opto or transformer isolation is possible.
Note 3) All outputs are open collector type. Each signal line should be pulled up to plus side of the 5V power supply with approximately 5.1k
Ω resistance.
Note 4) The wiring between power DC link capacitor and P/N terminals should be as short as possible to protect the ASIPM against catastrophic high surge voltage.
For extra precaution, a small film snubber capacitor (0.1~0.22
µF, high voltage type) is recommended to be mounted close to these P and N DC power input pins.
Fault output
(5V line) Note 3)
INTERNAL FUNCTIONS BLOCK DIAGRAM
(Fig. 2)
±Ic(±Icp)
Ic(Icp)
IF(IFP)
V
V
V
900
1000
1200
Applied between P-N
Applied between P-N, Surge-value
Applied between P-U, V, W, Br or U, V, W, Br-N
Supply voltage
Supply voltage (surge)
Each output IGBT collector-emitter static voltage
Condition
Symbol
Item
Ratings
Unit
VCC
VCC(surge)
VP or VN
MAXIMUM RATINGS (Tj = 25
°C)
INVERTER PART (Including Brake Part)
VP(S) or
VN(S)
Each output IGBT collector-emitter surge voltage
Each output IGBT collector current
Brake IGBT collector current
Brake diode anode current
Applied between P-U, V, W, Br or U, V, W, Br-N
TC = 25
°C
Note : “(
)” means IC peak value
1200
±5 (±10)
5 (10)
5 (10)
V
A
A
A
VCIN
VFO
IFO
VCL
ICL
ICO
V
7
Applied between VDL-GND
Supply voltage
VDL
Symbol
Item
Ratings
Unit
CONTROL PART
Condition
Input signal voltage
Fault output supply voltage
Fault output current
Current-limit warning output voltage
CL output current
Analogue-current-signal output current
–0.5 ~ VDL+0.5
V
V
mA
V
mA
mA
Applied between UP · VP · WP · UN · VN ·
WN · Br-GND
Applied between FO1 · FO2 · FO3-GND
Sink current of FO1 · FO2 · FO3
Applied between CL-GND
Sink current of CL
Sink current of CU · CV · CW
–0.5 ~ 7
15
–0.5 ~ 7
15
±1
VDH, VDB
Supply voltage
V
20
Applied between VDH-GND, CBU+-CBU–,
CBV+-CBV–, CBW+-CBW–


Similar Part No. - PS12013-A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS12013-A POWEREX-PS12013-A Datasheet
387Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
More results

Similar Description - PS12013-A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS12014-A MITSUBISHI-PS12014-A Datasheet
399Kb / 6P
   Acoustic noise-less 0.75kW/AC400V Class 3 Phase inverter and other motor control applications
PS12015-A MITSUBISHI-PS12015-A Datasheet
273Kb / 6P
   Acoustic noise-less 1.5kW/AC400V Class 3 Phase inverter and other motor control applications
PS12017-A MITSUBISHI-PS12017-A Datasheet
402Kb / 6P
   Acoustic noise-less 3.0kW/AC400V Class 3 Phase inverter and other motor control applications
PS12012-A MITSUBISHI-PS12012-A Datasheet
400Kb / 6P
   Acoustic noise-less 0.2kW/AC400V Class 3 Phase inverter and other motor control applications
PS11015 MITSUBISHI-PS11015 Datasheet
413Kb / 6P
   Acoustic noise-less 1.5kW/AC200V class 3 phase inverter and other motor control applications
PS11016 MITSUBISHI-PS11016 Datasheet
415Kb / 6P
   Acoustic noise-less 2.2kW/AC200V class 3 phase inverter and other motor control applications
PS11017 MITSUBISHI-PS11017 Datasheet
411Kb / 6P
   Acoustic noise-less 3.7kW/AC200V class 3 phase inverter and other motor control applications
PS12033 MITSUBISHI-PS12033 Datasheet
75Kb / 5P
   Acoustic noise-less 0.4kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11033 MITSUBISHI-PS11033 Datasheet
118Kb / 5P
   Acoustic noise-less 0.4kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12038 MITSUBISHI-PS12038 Datasheet
75Kb / 5P
   Acoustic noise-less 3.7kW/400V AC Class 3 phase inverters, motor control applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com