Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBM0203R Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SBM0203R
Description  Schottky Barrier Diode 30V, 0.2A Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBM0203R Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBM0203R Datasheet HTML 1Page - Sanyo Semicon Device SBM0203R Datasheet HTML 2Page - Sanyo Semicon Device SBM0203R Datasheet HTML 3Page - Sanyo Semicon Device SBM0203R Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBM0203R
No. A0916-2/4
Package Dimensions
unit : mm (typ)
7810-001
0.3
Cathode mark
0.3
0.6
0.8
0.12
PF -- IO
IF -- VF
IO -- Ta
IR -- VR
Average Output Current, IO -- A
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Ambient Temperature, Ta --
°C
IT12825
IT12826
0
0.2
0.4
0.1
0.3
0.5
0.6
0
0.1
0.2
0.3
1.0
0.01
0.1
10
100
1000
0.001
0.001
0.1
0.01
1.0
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
75°C
25°C
--25°C
Ta=125°C
IT12827
0
102030
0
25
75
100
50
125
0
0.1
0.2
0.4
0.5
0.3
DC
0.5
IT12828
SIN
VR
T
0V
IO
0A
t
D=t/T
VR=15V
Tj=125
°C


Similar Part No. - SBM0203R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBM0204R SANYO-SBM0204R Datasheet
48Kb / 4P
   Schottky Barrier Diode 40V, 0.2A Rectifier
More results

Similar Description - SBM0203R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBH0203R SANYO-SBH0203R Datasheet
48Kb / 4P
   Schottky Barrier Diode 30V, 0.2A Rectifier
logo
SeCoS Halbleitertechnol...
BAT54X SECOS-BAT54X_12 Datasheet
231Kb / 2P
   0.2A , 30V Surface Mount Schottky Barrier Diode
BAT54DW SECOS-BAT54DW Datasheet
184Kb / 2P
   0.2A, 30V Surface Mount Schottky Barrier Diode
logo
Sanyo Semicon Device
SBH0204R SANYO-SBH0204R Datasheet
48Kb / 4P
   Schottky Barrier Diode 40V, 0.2A Rectifier
SBM0204R SANYO-SBM0204R Datasheet
48Kb / 4P
   Schottky Barrier Diode 40V, 0.2A Rectifier
logo
Will Semiconductor Ltd.
WSB5546N WILLSEMI-WSB5546N Datasheet
818Kb / 4P
   0.2A, Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCS230D SECOS-SCS230D Datasheet
103Kb / 2P
   0.2A , 30V Surface Mount Schottky Barrier Rectifiers
logo
Sanyo Semicon Device
SS0503SH SANYO-SS0503SH Datasheet
33Kb / 3P
   Schottky Barrier Diode 30V, 0.5A Rectifier
SBM1503S SANYO-SBM1503S Datasheet
45Kb / 3P
   Schottky Barrier Diode 30V, 1.5A Rectifier
SB0203EJ SANYO-SB0203EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 200mA Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com