Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM600CLA060 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. PM600CLA060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM600CLA060 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM600CLA060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM600CLA060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM600CLA060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM600CLA060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM600CLA060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM600CLA060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM600CLA060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM600CLA060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Jul. 2005
MITSUBISHI <INTELLIGENT POWER MODULES>
PM600CLA060
FLAT-BASE TYPE
INSULATED PACKAGE
PM600CLA060
FEATURE
a) Adopting new 5th generation IGBT (CSTBT) chip, which
performance is improved by 1
µm fine rule process.
For example, typical Vce(sat)=1.8V @Tj=125
°C
b) I adopt the over-temperature conservation by Tj detection of
CSTBT chip, and error output is possible from all each con-
servation upper and lower arm of IPM.
•3
φ 600A, 600V Current-sense IGBT type inverter
• Monolithic gate drive & protection logic
• Detection, protection & status indication circuits for, short-
circuit, over-temperature & under-voltage (Fo available from
all arm devices)
• Acoustic noise-less 45kW/55kW class inverter application
• UL Recognized
Yellow Card No.E80276(N)
File No.E80271
APPLICATION
General purpose inverter, servo drives and other motor controls
PACKAGE OUTLINES
Dimensions in mm
12
34
56
13
14
16
15
17
18
20
19
9.08
21
3-2.54
50
53.75
50
53.75
31.84
3-2.54
3.22
50
21
22
24
23
25
26
28
27
21
3-2.54
31.84
3-2.54
3.22
29
30
32
31
33
34
36
35
21
3-2.54
31.84
3-2.54
3.22
17
12
17
12
17
12
17
12
17
12
17
12
162
172
50
±0.5
6
14
22
28
22
22
28
50
±0.5
50
±0.5
11
8-
φ5.5
MOUNTING HOLES
6-
φ2.5
12-M6 NUTS
3.75
24-
0.64
(SCREWING DEPTH)
(24)
2
17
6
12
+1.0
–0.5
1. N
2. P
3. N
4. P
5. N
6. P
7. W
8. W
9. V
10. V
11. U
12. U
13. VUPC
14. UPFO
15. UP
16. VUP1
17. VUNC
18. UNFO
19. UN
20. VUN1
21. VVPC
22. VPFO
23. VP
24. VVP1
25. VVNC
26. VNFO
27. VN
28. VVN1
29. VWPC
30. WPFO
31. WP
32. VWP1
33. VWNC
34. WNFO
35. WN
36. VWN1
Terminal code


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PM100RSE060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150RSE120_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM300CLA060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150CBS060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM200CBS060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM300CLA120_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150CLA060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM200CLA060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM300CSD060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150CLA120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn