Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM600CLA060 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. PM600CLA060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM600CLA060 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  PM600CLA060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM600CLA060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM600CLA060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM600CLA060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM600CLA060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM600CLA060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM600CLA060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM600CLA060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM600CLA060
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
NOTES FOR STABLE AND SAFE OPERATION ;
Design the PCB pattern to minimize wiring length between opto-coupler and IPM’s input terminal, and also to minimize the
stray capacity between the input and output wirings of opto-coupler.
Connect low impedance capacitor between the Vcc and GND terminal of each fast switching opto-coupler.
Fast switching opto-couplers: tPLH, tPHL ≤ 0.8µs, Use High CMR type.
Slow switching opto-coupler: CTR > 100%
Use 6 isolated control power supplies (VD). Also, care should be taken to minimize the instantaneous voltage charge of the
power supply.
Make inductance of DC bus line as small as possible, and minimize surge voltage using snubber capacitor between P and N
terminal.
Use line noise filter capacitor (ex. 4.7nF) between each input AC line and ground to reject common-mode noise from AC line
and improve noise immunity of the system.
: Interface which is the same as the U-phase
Fig. 8 Application Example Circuit
OUT
Si
OT
OT
OT
GND
GND
In
Vcc
U
N
V
N
P
P
W
N
P
M
¡
IF
+
OUT
Si
GND
GND
In
Vcc
OUT
Si
GND
GND
In
Vcc
Fo
Fo
Fo
VVP1
VP
VVPC
1.5k
1.5k
1.5k
VUN1
UN
VUNC
20k
≥10
µ
≥0.1
µ
UNFO
VPFO
UPFO
VUP1
UP
VUPC
VD
OT
OUT
Si
GND
GND
In
Vcc
Fo
VVN1
VN
VVNC
1.5k
VNFO
VD
OT
OUT
Si
GND
GND
In
Vcc
Fo
VWP1
WP
VWPC
1.5k
WPFO
VD
OT
OUT
Si
GND
GND
In
Vcc
Fo
VWN1
WN
VWNC
1.5k
WNFO
VD
VD
VD


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PM100RSE060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150RSE120_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM300CLA060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150CBS060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM200CBS060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM300CLA120_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150CLA060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM200CLA060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM300CSD060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150CLA120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn