Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM450CLA120 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # PM450CLA120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM450CLA120 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  PM450CLA120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM450CLA120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM450CLA120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM450CLA120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM450CLA120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM450CLA120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM450CLA120 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM450CLA120 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM450CLA120
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
PERFORMANCE CURVES
100
102
7
5
3
2
101
23
5
7
102
101
7
5
3
2
23
5
7
103
4
4
44
500
400
300
200
100
0
0
1
0.5
1.5
2.5
2
2.5
2
1.5
1
0.5
0
0
200
100
300
500
400
Tj = 25
°C
VD = 15V
Tj = 25
°C
Tj = 125
°C
2.5
2
1.5
1
0.5
0
18
13
12
15
14
17
16
10–1
101
7
5
3
2
101
23
5 7
102
100
7
5
3
2
23
5 7
103
4
4
44
10–1
101
7
5
3
2
101
23
5 7
102
100
7
5
3
2
23
5 7
103
4
4
44
tc(off)
tc(on)
toff
ton
IC = 450A
Tj = 25
°C
Tj = 125
°C
VCC = 600V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
VCC = 600V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
15V
13V
VD = 17V
ESW(off)
VCC = 600V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
ESW(on)
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
CONTROL SUPPLY VOLTAGE VD (V)
COLLECTOR CURRENT IC (A)
COLLECTOR CURRENT IC (A)
COLLECTOR CURRENT IC (A)
COLLECTOR CURRENT IC (A)
COLLECTOR-EMITTER SATURATION
VOLTAGE (VS. VD) CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER SATURATION
VOLTAGE (VS. Ic) CHARACTERISTICS
(TYPICAL)
SWITCHING TIME CHARACTERISTICS
(TYPICAL)
SWITCHING TIME CHARACTERISTICS
(TYPICAL)
SWITCHING LOSS CHARACTERISTICS
(TYPICAL)


Similar Part No. - PM450CLA120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM450CLA120 POWEREX-PM450CLA120 Datasheet
287Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter 450 Amperes/1200 Volts
More results

Similar Description - PM450CLA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com