Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM450CLA060 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # PM450CLA060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM450CLA060 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  PM450CLA060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM450CLA060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM450CLA060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM450CLA060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM450CLA060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM450CLA060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM450CLA060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM450CLA060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM450CLA060
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
EMITTER-COLLECTOR VOLTAGE VEC (V)
DIODE FORWARD CHARACTERISTICS
(TYPICAL)
VD = 15V
Tj = 25
°C
Tj = 125
°C
DIODE REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
COLLECTOR RECOVERY CURRENT –IC (A)
VCC = 300V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT PART)
TIME (s)
Single Pulse
Per unit base = Rth(j – c)Q = 0.12
°C/W
101
103
7
5
3
2
0
102
7
5
3
2
1
1.5
0.5
2
3
2.5
4
4
10–3
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
10–323 5 710–223 5 710–1
10–523 5 710–423 5 7
23 5 7
100 23 57101
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi PART)
TIME (s)
Single Pulse
Per unit base = Rth(j – c)F = 0.19
°C/W
10–3
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
10–323 5 710–223 5 710–1
10–523 5 710–42 3 57
2 3 57
100 23 57101
3
101
23
5 7
102
23
5 7
103
44
10–2
101
10–1
100
7
4
5
2
3
7
4
5
2
3
7
4
5
2
3
7
4
5
2
3
7
4
5
2
3
7
4
5
2
100
103
101
102
trr
Irr
0
10
20
30
40
50
60
25
0
510
15
20
CARRIER FREQUENCY fc (kHz)
ID VS. fc CHARACTERISTICS
(TYPICAL)
P-side or N-side
VD = 15V
Tj = 25
°C


Similar Part No. - PM450CLA060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM450CLA060 POWEREX-PM450CLA060 Datasheet
282Kb / 6P
   Three Phase IGBT Inverter 450 Amperes/600 Volts
More results

Similar Description - PM450CLA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com