Electronic Components Datasheet Search |
|
PM450CLA060 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor |
|
PM450CLA060 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor |
5 / 8 page MITSUBISHI <INTELLIGENT POWER MODULES> PM450CLA060 FLAT-BASE TYPE INSULATED PACKAGE Jul. 2005 PRECAUTIONS FOR TESTING 1. Before appling any control supply voltage (VD), the input terminals should be pulled up by resistores, etc. to their corre- sponding supply voltage and each input signal should be kept off state. After this, the specified ON and OFF level setting for each input signal should be done. 2. When performing “SC” tests, the turn-off surge voltage spike at the corresponding protection operation should not be al- lowed to rise above VCES rating of the device. (These test should not be done by using a curve tracer or its equivalent.) 10% 90% trr Irr tr td(on) tc(on) tc(off) td(off) VCIN Ic VCE 10% 10% 10% 90% tf (ton= td(on) + tr) (toff= td(off) + tf) VD (all) IN Fo Fo Fo IN Fo VD (all) VCIN (0V) Ic V V VCIN (15V) – Ic CS CS Vcc Vcc Ic Ic VD (all) VD (all) VCIN VCIN VCIN (15V) VCIN (15V) Fo Fo Fig. 3 Switching time and SC test circuit Fig. 4 Switching time test waveform Fig. 1 VCE(sat) Test Fig. 2 VEC Test a) Lower Arm Switching Signal input (Upper Arm) Signal input (Lower Arm) Signal input (Upper Arm) Signal input (Lower Arm) b) Upper Arm Switching VCIN Fig. 7 Dead time measurement point example Fig. 5 ICES Test Fig. 6 SC test waveform SC Short Circuit Current toff(SC) VD (all) U,V,W, (N) P, (U,V,W) A Pulse VCE VCIN (15V) Ic Fo IN Fo 0V 1.5V 1.5V 1.5V 2V 2V 2V 0V t t tdead tdead tdead 1.5V: Input on threshold voltage Vth(on) typical value, 2V: Input off threshold voltage Vth(off) typical value IPM’ input signal VCIN (Upper Arm) IPM’ input signal VCIN (Lower Arm) Constant Current |
Similar Part No. - PM450CLA060 |
|
Similar Description - PM450CLA060 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |