Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBE812 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SBE812
Description  Schottky Barrier Diode 60V, 1.0A Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBE812 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SBE812 Datasheet HTML 1Page - Sanyo Semicon Device SBE812 Datasheet HTML 2Page - Sanyo Semicon Device SBE812 Datasheet HTML 3Page - Sanyo Semicon Device SBE812 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SBE812
No.8966-1/4
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Small switching noise.
Low leakage current and high reliability due to highly reliable planar structure.
Ultrasmall package allows applied sets to be made small and thin.
Specifications
Absolute Maximum Ratings at Ta=25
°C (Value per element)
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
60
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
65
V
Average Output Current
IO
1.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C (Value per element)
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=0.2mA
60
V
Forward Voltage
VF
IF=1A
0.55
0.60
V
Reverse Current
IR
VR=30V
30
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
35
pF
Reverse Recovery Time
trr
IF=100mA, See specified Test Circuit.
10
ns
Rth(j-a)1
Mounted in Cu-foiled area of 1.92mm2!0.03mm
80
°C / W
Thermal Resistance
on glass epoxy board
Rth(j-a)2
Mounted on a ceramic board (1000mm2!0.8mm)
75
°C / W
Marking : SA
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : EN8966
D2605SB MS IM TB-00002015
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SBE812
Schottky Barrier Diode
60V, 1.0A Rectifier


Similar Part No. - SBE812

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBE812 ONSEMI-SBE812 Datasheet
316Kb / 6P
   Schottky Barrier Diode
September, 2013
SBE812-TL-E ONSEMI-SBE812-TL-E Datasheet
316Kb / 6P
   Schottky Barrier Diode
September, 2013
More results

Similar Description - SBE812

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB1003M3 SANYO-SB1003M3 Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 1.0A Rectifier
SBE807 SANYO-SBE807 Datasheet
56Kb / 3P
   Schottky Barrier Diode 30V, 1.0A Rectifier
logo
Gulf Semiconductor
SB120 GULFSEMI-SB120 Datasheet
96Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB120E GULFSEMI-SB120E Datasheet
97Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
logo
Mospec Semiconductor
SR102 MOSPEC-SR102 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SR12 MOSPEC-SR12 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SK12 MOSPEC-SK12 Datasheet
228Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Won-Top Electronics
SB120 WTE-SB120 Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB120 DIODES-SB120_15 Datasheet
87Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR145 UTC-MBR145 Datasheet
148Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com