Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBE811 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SBE811
Description  Schottky Barrier Diode 30V, 2.0A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBE811 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SBE811 Datasheet HTML 1Page - Sanyo Semicon Device SBE811 Datasheet HTML 2Page - Sanyo Semicon Device SBE811 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SBE811
No.8376-3/3
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be exported without obtaining the export license from the authorities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of June, 2005. Specifications and information herein are subject
to change without notice.
PS
(2)
(3)
(1)
0
0
0.5
1.4
0.2
0.4
0.6
0.8
1.0
1.2
2.5
2.0
1.5
1.0
Average Output Current, IO -- A
PF(AV) -- IO
IT08591
0.1
2
100
2
3
5
7
2
5
7
3
35
7 1.0
10
2
3
57
2
3
57
Reverse Voltage, VR -- V
C -- VR
IT08590
(4)
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
θ
360
°
Rectangular
wave
180
°
360
°
Sine wave
7 0.01
23
7 0.1
0
52
2
3
37 1.0
5
12
14
8
4
10
6
2
ID00435
IFSM -- t
IS
20ms
t
Current waveform 50Hz sine wave
Time, t -- s


Similar Part No. - SBE811

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBE812 SANYO-SBE812 Datasheet
37Kb / 4P
   Schottky Barrier Diode 60V, 1.0A Rectifier
logo
ON Semiconductor
SBE812 ONSEMI-SBE812 Datasheet
316Kb / 6P
   Schottky Barrier Diode
September, 2013
SBE812-TL-E ONSEMI-SBE812-TL-E Datasheet
316Kb / 6P
   Schottky Barrier Diode
September, 2013
logo
Sanyo Semicon Device
SBE813 SANYO-SBE813 Datasheet
40Kb / 3P
   Low IR Schottky Barrier Diode 30V, 3.0A Rectifier
logo
ON Semiconductor
SBE813 ONSEMI-SBE813 Datasheet
345Kb / 6P
   Schottky Barrier Diode
September, 2013
More results

Similar Description - SBE811

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
SB2003M SANYO-SB2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
   Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
logo
ON Semiconductor
SS2003M-TL-E ONSEMI-SS2003M-TL-E Datasheet
188Kb / 5P
   Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
logo
Zibo Seno Electronic En...
MS202 ZSELEC-MS202 Datasheet
135Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
B260S1F DIODES-B260S1F Datasheet
417Kb / 5P
   2.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
logo
ON Semiconductor
SS2003M-TL-W ONSEMI-SS2003M-TL-W Datasheet
188Kb / 5P
   Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
logo
Won-Top Electronics
SB220 WTE-SB220 Datasheet
49Kb / 3P
   2.0A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB240 UTC-SB240 Datasheet
122Kb / 4P
   2.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B240S1F DIODES-B240S1F Datasheet
416Kb / 5P
   2.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com