Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM300DSA120 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PM300DSA120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM300DSA120 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PM300DSA120_00 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM300DSA120_00 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM300DSA120_00 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM300DSA120_00 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM300DSA120_00 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM300DSA120_00 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Sep.2000
MITSUBISHI INTELLIGENT POWER MODULES
PM300DSA120
FLAT-BASE TYPE
INSULATED PACKAGE
0
1
2
3
4
5
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
0
100
500
200
300
400
VD = 15V
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
0
1
2
3
4
5
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
12
14
16
18
20
IC = 300A
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
0
01
2
0
100
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
35
200
300
400
500
4
VD = 17V
13
Tj = 25
oC
VCIN = 0V
15
101
102
103
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
ton
100
101
toff
VCC = 600V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
101
102
103
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
100
101
VCC = 600V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
tc(on)
tc(off)
101
102
103
10-2
COLLECTOR REVERSE CURRENT, -IC, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
10-1
100
VCC = 600V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
101
102
103
trr
Irr
00
1.0
3.0
100
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
101
103
0.5
1.5
2.5
Tj = 25
oC
Tj = 125
oC
VD = 15V
VCIN = 5V
2.0
102
DIODE FORWARD CHARACTERISTICS
20
40
60
100
120
OVER CURRENT TRIP LEVEL VS.
SUPPLY VOLTAGE (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
13
15
17
19
21
Tj = 25
oC
00
80
80
100
120
140
160
OVER CURRENT TRIP LEVEL VS.
TEMPERATURE (TYPICAL)
JUNCTION TEMPERATURE, TC, (
oC)
0
40
80
120
160
VD = 15V


Similar Part No. - PM300DSA120_00

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300DSA120 MITSUBISHI-PM300DSA120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM300DSA120 MITSUBISHI-PM300DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM300DSA120 POWEREX-PM300DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
More results

Similar Description - PM300DSA120_00

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com