Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA038P1-00 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AA038P1-00
Description  36-39 GHz GaAs MMIC Driver Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AA038P1-00 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AA038P1-00 Datasheet HTML 1Page - Skyworks Solutions Inc. AA038P1-00 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. [781] 376-3000
• Fax [781] 376-3100 • Email sales@skyworksinc.com • www.skyworksinc.com
1
Specifications subject to change without notice. 2/02A
36–39 GHz GaAs MMIC
Driver Amplifier
Features
■ Single Bias Supply Operation (5 V)
■ 7 dB Typical Small Signal Gain
■ 14 dBm Typical P1 dB Output Power
■ 0.25 µm Ti/Pd/Au Gates
■ 100% On-Wafer RF and DC Testing
■ 100% Visual Inspection to MIL-STD-883
MT 2010
Chip Outline
AA038P1-00
Description
Alpha’s single-stage, reactively-matched 36–39 GHz
GaAs MMIC driver amplifier has a typical small signal
gain of 7 dB with a typical P1 dB of 14 dBm at 38 GHz.
The chip uses Alpha’s proven 0.25 mm MESFET
technology, and is based upon MBE layers and electron
beam lithography for the highest uniformity and
repeatability. The FETs employ surface passivation to
ensure a rugged, reliable part with through-substrate via
holes and gold-based backside metallization to facilitate
a conductive epoxy or eutectic die attach process. All
chips are screened for gain, output power and
S-parameters prior to shipment for guaranteed
performance. Designed for 36–39 GHz digital radio band.
Parameter
Condition
Symbol
Min.
Typ.2
Max.
Unit
Drain Current
VD = 5 V
IDS
50
60
mA
Small Signal Gain
F = 36–39 GHz
G
6
7
dB
Input Return Loss
F = 36–39 GHz
RLI
610
dB
Output Return Loss
F = 36–39 GHz
RLO
610
dB
Output Power at 1 dB Gain Compression
F = 38 GHz
P1 dB
12
14
dBm
Saturated Output Power
F = 38 GHz
PSAT
14
16
dBm
Thermal Resistance1
ΘJC
280
°C/W
Electrical Specifications at 25°C (VDS = 5 V)
0.000
0.087
0.501
0.815
Dimensions indicated in mm.
All DC pads are 0.1 x 0.1 mm and RF pads are 0.07 mm wide.
Chip thickness = 0.1 mm.
Characteristic
Value
Operating Temperature (TC)
-55°C to +90°C
Storage Temperature (TST)
-65°C to +150°C
Bias Voltage (VD)7 VDC
Power In (PIN)
16 dBm
Junction Temperature (TJ)
175°C
Absolute Maximum Ratings
1. Calculated value based on measurement of discrete FET.
2. Typical represents the median parameter value across the specified
frequency range for the median chip.


Similar Part No. - AA038P1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA038P2-00 ALPHA-AA038P2-00 Datasheet
88Kb / 2P
   37-40 GHz GaAs MMIC Driver Amplifier
AA038P5-00 ALPHA-AA038P5-00 Datasheet
129Kb / 2P
   37-39 GHz GaAs MMIC Power Amplifier
More results

Similar Description - AA038P1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA038P5-00 ALPHA-AA038P5-00 Datasheet
129Kb / 2P
   37-39 GHz GaAs MMIC Power Amplifier
AA032P1-00 ALPHA-AA032P1-00 Datasheet
163Kb / 2P
   30-36 GHz GaAs MMIC Power Amplifier
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263 HITTITE-HMC263_07 Datasheet
231Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263 HITTITE-HMC263 Datasheet
212Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
HMC282 HITTITE-HMC282 Datasheet
109Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz
HMC263LP4 HITTITE-HMC263LP4_09 Datasheet
272Kb / 1P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com