Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY12332-310LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part No. SKY12332-310LF
Description  6-Bit Digital Attenuator with Driver LF-1 GHz, 0.5 dB LSB, 31.5 dB Range
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY12332-310LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
January 10, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200584 Rev. B
DATA SHEET • SKY12332-310LF
2
Parameter
Symbol
Condition
Frequency
Min.
Typ.
Max.
Unit
Insertion loss
IL
LF–500 MHz
1.5
1.8
dB
LF–1.0 GHz
1.8
2.2
dB
Attenuation range
31.5
dB
Attenuation accuracy
Attenuation referred to
LF–500 MHz
± (0.20 + 2% of attenuation setting in dB)
insertion loss
LF–1.0 GHz
± (0.25 + 3% of attenuation setting in dB)
RF input/RF output VSWR
Non-driven port terminated in Z0
LF–1.0 GHz
1.4:1
1.6:1
Control voltage
VCTL
VCTL = VLOW
0
0.8
V
VCTL = VHIGH
2.7
VDD
V
Control port current
ICTL
VCTL = VLOW
20
µA
VCTL = VHIGH
20
µA
Switching characteristics
Rise, fall time
tr,tf
10%/90% or 90%/10% of RF
30
ns
On, off time
ton,toff
50% VCTL to 90%/10% of RF
50
ns
Video feedthrough
TRISE = 1 ns, BW = 500 MHz
50
mV
Input power for 1 dB compression
IP1 dB
50 MHz
22
dBm
500 MHz–1.0 GHz
29
dBm
Input third order intermodulation
IIP3
2 input tones, 5 dBm each tone
50 MHz
36
dBm
intercept point
500 MHz–1.0 GHz
48
dBm
DC supply voltage
VDD
4.75
5
5.25
V
DC supply current
IDD
700
µA
Electrical Specifications
VDD = 5 V, T = 25 °C, Z0 = 50
Ω, unless otherwise noted


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn