Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY12332-310LF Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part No. SKY12332-310LF
Description  6-Bit Digital Attenuator with Driver LF-1 GHz, 0.5 dB LSB, 31.5 dB Range
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY12332-310LF Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200584 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • January 10, 2007
1
SKY12332-310LF: 6-Bit Digital Attenuator with Driver
LF–1 GHz, 0.5 dB LSB, 31.5 dB Range
DATA SHEET
Features
Attenuation range: 31.5 dB
LSB: 0.5 dB
On-board low noise CMOS driver
Excellent RF noise floor
Single 5 V supply
Very low DC power consumption
Single positive control for each bit
Small 5 x 5 mm QFN-32 package
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C
per JEDEC J-STD-020
Functional Block Diagram
RF Input/Output
RF Input/Output
V1
V2
V4
V5
V6
8 dB
4 dB
2 dB
1 dB
0.5 dB
V3
VDD
16 dB
Description
The Skyworks SKY12332-310LF is 6-bit digital GaAs attenuator
with an on-board low-noise CMOS driver. This attenuator offers
excellent performance from low frequency through 1 GHz, making
it ideal for IF and RF level control applications. It contains an on-
board CMOS driver circuit which accepts CMOS logic levels at the
6 control inputs and produces a negative supply voltage to control
the GaAs attenuator.
The SKY12332-310LF has excellent linearity for compatibility with
non-constant envelope signals, such as W-CDMA and OFDM. The
6 attenuation bits are binary weighted, with an LSB of 0.5 dB and
a total nominal attenuation range of 31.5 dB. It also has excellent
attenuation accuracy and is monotonic. The low-noise CMOS driver
enables a very low RF noise floor, typically -100 dBm.
Typical applications for this attenuator include level control in
cellular base stations, wireless data transceivers, broadband
systems, etc.
The required supply voltage for SKY12332-310LF is 5V. This part
can operate over the temperature range of -40 °C to 85 °C.
An evaluation board is available upon request.
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn