Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY12332-310LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part No. SKY12332-310LF
Description  6-Bit Digital Attenuator with Driver LF-1 GHz, 0.5 dB LSB, 31.5 dB Range
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY12332-310LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATA SHEET • SKY12332-310LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200584 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • January 10, 2007
3
Typical Performance Data
VDD = 5 V, T = 25 °C, Z0 = 50
Ω, unless otherwise noted
0
0.5
1.0
1.5
2.0
Frequency (GHz)
Insertion Loss vs. Frequency
-2.50
-2.25
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
0
Frequency (GHz)
Input VSWR vs. Frequency
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Ins. Loss
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
0
0.5
1.0
1.5
2.0
Frequency (GHz)
Attenuation Accuracy vs. Frequency
-0.5
0
0.5
1.0
1.5
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
0
0.5
1.0
1.5
2.0
Frequency (GHz)
Output VSWR vs. Frequency
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Ins. Loss
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn