Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65228-11 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY65228-11
Description  WLAN 802.11n Single Band 4.9-5.85 GHz MIMO Intera Front-End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65228-11 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY65228-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200557 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 14, 2007
1
SKY65228-11: WLAN 802.11n Single Band 4.9–5.85 GHz
MIMO Intera™ Front-End Module
DATA SHEET
Features
G
Single band 4.9–5.85 GHz MIMO architecture
G
Two full 4.9–5.85 GHz transmit/receive chains
G
Backward-compatible with 802.11a standards
G
Pin compatible with SKY65225-11 (4.9–5.85 GHz)
G
POUT @ 2.5% EVM: 16 dBm (-11a)
G
Gain matching: <2 dB
G
Internal voltage regulation
G
Single 3.0–3.6 V power supply
G
Temperature-compensated PA bias networks
G
Separate digital controls for each PA
G
Temperature-compensated directional power detection
G
Package size: 10 x 14 x 0.9 mm
G
Lead (Pb)-free and RoHS-compliant MSL-3 @ 250 °C
per JEDEC J-STD-020
Description
The SKY65228-11 Intera nFEM contains two complete
4.9–5.85 GHz transmit/receive chains in one compact RF front-end
module optimized for single band 4.9–5.85 GHz MIMO (multiple
in—multiple out) operation, in compliance with the 802.11n draft
standard. The SKY65228-11 includes two 4.9–5.85 GHz PAs with
integrated input filtering for 3–4 GHz rejection, and temperature-
compensated, directional power detector with 20 dB dynamic
range. Also included are low loss, high rejection GaAs harmonic
filters and T/R switches which provide high linearity in all transmit
paths and low loss in all receive paths.
The SKY65228-11 Intera nFEM achieves outstanding gain
matching which is a critical requirement for MIMO operation.
This is accomplished though mirrored layout symmetry.
The SKY65228-11 is packaged in a lead (Pb)-free, RoHS-compliant
laminate package, which measures 10 x 14 x 0.9 mm. This
FEM is designed as a pin to pin compatible version of the
SKY65225-11 for 4.9–5.85 GHz only.
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW
Functional Block Diagram
A0
A1
R0a
R1a
T0a
PD0a
PD1a
PU0a
PU1a
T1a
PA
Controller
Dir
Det
4.9–5.85 GHz
4.9–5.85 GHz
Dir
Det
Innovation to Go
TM
Now available for purchase online.
BUY
NOW
BUY
NOW


Similar Part No. - SKY65228-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65225-11 SKYWORKS-SKY65225-11 Datasheet
420Kb / 11P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
   WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
More results

Similar Description - SKY65228-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
   WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
SKY65234-11 SKYWORKS-SKY65234-11 Datasheet
293Kb / 10P
   WLAN 802.11n Single-Band 4.9-5.85 GHz 2 x 2 MIMO Intera Front-End Module with 3 Antenna Ports
SKY65225-11 SKYWORKS-SKY65225-11 Datasheet
420Kb / 11P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module
SKY65233-11 SKYWORKS-SKY65233-11 Datasheet
291Kb / 10P
   WLAN 802.11n Single-Band 2.4 GHz 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65230-11 SKYWORKS-SKY65230-11 Datasheet
411Kb / 13P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65206-13 SKYWORKS-SKY65206-13_09 Datasheet
1Mb / 12P
   WLAN 802.11b/g Intera Front-End Module
logo
TriQuint Semiconductor
TQP887052 TRIQUINT-TQP887052_15 Datasheet
199Kb / 1P
   802.11ac, 802.11n WLAN Front End Module
logo
Skyworks Solutions Inc.
SKY65206-13 SKYWORKS-SKY65206-13 Datasheet
371Kb / 7P
   WLAN 802.11b/g Intera??Front-End Module
SKY65249-11 SKYWORKS-SKY65249-11 Datasheet
365Kb / 10P
   WLAN 802.11b, g, n Intera Front-End Module
logo
Qorvo, Inc
RFFM8506 QORVO-RFFM8506 Datasheet
591Kb / 10P
   4.9 GHz to 5.85 GHz 802.11a/n/ac WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com