Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH5811 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # MCH5811
Description  MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH5811 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  MCH5811 Datasheet HTML 1Page - Sanyo Semicon Device MCH5811 Datasheet HTML 2Page - Sanyo Semicon Device MCH5811 Datasheet HTML 3Page - Sanyo Semicon Device MCH5811 Datasheet HTML 4Page - Sanyo Semicon Device MCH5811 Datasheet HTML 5Page - Sanyo Semicon Device MCH5811 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MCH5811
No.8059-2/6
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[MOSFET]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0
20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0
1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.4
1.3
V
Forward Transfer Admittance
yfs
VDS=10V, ID=1A
1.68
2.8
S
RDS(on)1
ID=1A, VGS=4V
160
210
m
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=0.5A, VGS=2.5V
200
280
m
RDS(on)3
ID=0.1A, VGS=1.8V
280
390
m
Input Capacitance
Ciss
VDS=10V, f=1MHz
100
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
22
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
15
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
6.5
ns
Rise Time
tr
See specified Test Circuit
28
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
19
ns
Fall Time
tf
See specified Test Circuit
13
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=1.5A
4.5
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=1.5A
0.4
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=1.5A
0.4
nC
Diode Forward Voltage
VSD
IS=1.5A, VGS=0
0.9
1.2
V
[SBD]
Reverse Voltage
VR
IR=0.5mA
15
V
Forward Voltage
VF1IF=0.3A
0.30
0.33
V
VF2IF=0.5A
0.33
0.36
V
Reverse Current
IR
VR=6V
90
µA
Interterminal Capacitance
C
VR=10V, f=1MHz, 1 cycle
20
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
Package Dimensions
Electrical Connection
unit : mm
2195
54
3
12
1 : Gate
2 : Source
3 : Anode
4 : Cathode
5 : Drain
Top view
1 : Gate
2 : Source
3 : Anode
4 : Cathode
5 : Drain
SANYO : MCPH5
2.0
0.65
0.3
0.15
1
32
4
5
12
3
54
(Bottom view)
(Top view)


Similar Part No. - MCH5811

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH5810 SANYO-MCH5810 Datasheet
53Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode DC / DC Converter Applications
MCH5812 SANYO-MCH5812 Datasheet
54Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications
MCH5815 SANYO-MCH5815 Datasheet
52Kb / 5P
   DC / DC Converter Applications
MCH5818 SANYO-MCH5818 Datasheet
40Kb / 5P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
MCH5819 SANYO-MCH5819 Datasheet
71Kb / 5P
   MCH5819
More results

Similar Description - MCH5811

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5824 SANYO-CPH5824 Datasheet
47Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications
MCH5834 SANYO-MCH5834 Datasheet
56Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications
MCH5812 SANYO-MCH5812 Datasheet
54Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications
VEC2820 SANYO-VEC2820 Datasheet
67Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5856 SANYO-CPH5856 Datasheet
71Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5826 SANYO-CPH5826 Datasheet
50Kb / 5P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5863 SANYO-CPH5863 Datasheet
65Kb / 5P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2808 SANYO-SCH2808 Datasheet
48Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2816 SANYO-SCH2816_07 Datasheet
50Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2819 SANYO-SCH2819 Datasheet
48Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com