Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65230-11 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY65230-11
Description  WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65230-11 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY65230-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
May 7, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200547 Rev. F
DATA SHEET • SKY65230-11
10
Pin #
Name
Description
1
R0g
Receiver output
2
GND
Ground
3
R0a
Receiver output
4
GND
Ground
5
T0g
Transmitter input
6
T0a
Transmitter input
7
GND
Ground
8
GND
Ground
9
T1a
Transmitter input
10
T1g
Transmitter input
11
GND
Ground
12
R1a
Receiver output
13
GND
Ground
14
R1g
Receiver output
15
GND
Ground
16
PU1g
Power amp enable input
17
PU1a
Power amp enable input
18
VCC
3.3 V
19
PD1ag
Power detector 1 output
20
GND
Ground
21
VCC
3.3 V
22
RxMain1
Diversity switch control input
23
RxAux1
Diversity switch control input
24
TxAux1
Diversity switch control input
25
TxMain1
Diversity switch control input
26
GND
Ground
27
A1
Antenna 1
28
GND
Ground
29
Ctrl1A2
TR switch control input
30
GND
Ground
31
GND
Ground
32
A2
Antenna 2
33
GND
Ground
34
Ctrl0A2
TR switch control input
35
GND
Ground
36
A0
Antenna 0
37
GND
Ground
38
TxMain0
Diversity switch control input
39
TxAux0
Diversity switch control input
40
RxAux0
Diversity switch control input
41
RxMain0
Diversity switch control input
42
VCC
3.3 V
43
GND
Ground
44
PD0ag
Power detector 0 output
45
PU0g
Power amp enable input
46
PU0a
Power amp enable input
47
VCC
3.3 V
48
GND
Ground
49
GND
Ground
Pin Descriptions
Module Pin Out
47
R0g
2
GND
3
R0a
4
GND
5
T0g
6
T0a
7
GND
8
GND
9
T1a
10
T1g
11
GND
12
R1a
13
GND
14
R1g
1
46
45
44
43
42
41
40
39
48
15
16
17
18
19
20
21
22
23
24
GND
A0
TxMain0
TxMain1
Ctrl0A2
GND
A2
GND
Ctrl1A2
A1
GND
35
34
33
32
31
30
29
28
27
26
25
37
36
GND Slug (Pin 49)
GND
38
GND
GND


Similar Part No. - SKY65230-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65233-11 SKYWORKS-SKY65233-11 Datasheet
291Kb / 10P
   WLAN 802.11n Single-Band 2.4 GHz 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65234-11 SKYWORKS-SKY65234-11 Datasheet
293Kb / 10P
   WLAN 802.11n Single-Band 4.9-5.85 GHz 2 x 2 MIMO Intera Front-End Module with 3 Antenna Ports
More results

Similar Description - SKY65230-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65225-11 SKYWORKS-SKY65225-11 Datasheet
420Kb / 11P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module
SKY65233-11 SKYWORKS-SKY65233-11 Datasheet
291Kb / 10P
   WLAN 802.11n Single-Band 2.4 GHz 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65234-11 SKYWORKS-SKY65234-11 Datasheet
293Kb / 10P
   WLAN 802.11n Single-Band 4.9-5.85 GHz 2 x 2 MIMO Intera Front-End Module with 3 Antenna Ports
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
   WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
SKY65228-11 SKYWORKS-SKY65228-11 Datasheet
303Kb / 9P
   WLAN 802.11n Single Band 4.9-5.85 GHz MIMO Intera Front-End Module
SKY65206-13 SKYWORKS-SKY65206-13_09 Datasheet
1Mb / 12P
   WLAN 802.11b/g Intera Front-End Module
logo
TriQuint Semiconductor
TQP887052 TRIQUINT-TQP887052_15 Datasheet
199Kb / 1P
   802.11ac, 802.11n WLAN Front End Module
logo
Skyworks Solutions Inc.
SKY65206-13 SKYWORKS-SKY65206-13 Datasheet
371Kb / 7P
   WLAN 802.11b/g Intera??Front-End Module
SKY65249-11 SKYWORKS-SKY65249-11 Datasheet
365Kb / 10P
   WLAN 802.11b, g, n Intera Front-End Module
SKY85331-11 SKYWORKS-SKY85331-11 Datasheet
169Kb / 2P
   2 GHz WLAN Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com