Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH3222 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # MCH3222
Description  NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH3222 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  MCH3222 Datasheet HTML 1Page - Sanyo Semicon Device MCH3222 Datasheet HTML 2Page - Sanyo Semicon Device MCH3222 Datasheet HTML 3Page - Sanyo Semicon Device MCH3222 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCH3222
No. A0211-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output Capacitance
Cob
VCB=10V, f=1MHz
13
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=1A, IB=50mA
60
90
mV
VCE(sat)2
IC=2A, IB=100mA
100
150
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=2A, IB=100mA
0.88
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10µA, IE=0A
100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=100µA, RBE=0Ω
100
V
V(BR)CEO
IC=1mA, RBE=∞
50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10µA, IC=0A
6
V
Turn-ON Time
ton
See specified Test Circuit.
35
ns
Storage Time
tstg
See specified Test Circuit.
300
ns
Fall Time
tf
See specified Test Circuit.
22
ns
Package Dimensions
Switching Time Test Circuit
unit : mm
7019A-004
1 : Base
2 : Emitter
3 : Collector
SANYO : MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
VR
RB
VCC=25V
VBE= --5V
++
50
INPUT
OUTPUT
RL
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
IC=10IB1= --10IB2=1A
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
3.0
1.5
2.0
2.5
1.0
0.5
0
0
0.2
0.4
0.6
0.8
1.2
1.0
IT10444
VCE=2V
1000
7
5
3
2
100
7
0.1
0.01
23
5
7
23
5
2
3
5
7 1.0
VCE=2V
IT10445
Ta=75
°C
25
°C
--25
°C


Similar Part No. - MCH3222

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3220 SANYO-MCH3220 Datasheet
40Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3221 SANYO-MCH3221 Datasheet
40Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results

Similar Description - MCH3222

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3236 SANYO-CPH3236 Datasheet
36Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3217 SANYO-MCH3217 Datasheet
38Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6013 SANYO-2SC6013 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6015 SANYO-2SC6015 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6016 SANYO-2SC6016 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6022 SANYO-2SC6022 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3237 SANYO-CPH3237 Datasheet
36Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6021 SANYO-2SC6021 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3235 SANYO-CPH3235 Datasheet
38Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3218 SANYO-MCH3218 Datasheet
37Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com