Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65028-70LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part No. SKY65028-70LF
Description  450 MHz-2.5 GHz Linear Power Amplifier Driver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65028-70LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY65028-70LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
July 31, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200445 Rev. B
DATA SHEET • SKY65028-70LF
2
Pin #
Name
Description
1
RF_In
RF input
2
GND
Ground
3
RF_Out
RF output
4
GND
Ground
Pin Descriptions
Characteristic
Value
RF input power (PIN)
15 dBm max.
RF output power (POUT)
27 dBm
Supply voltage (VCC)6 V
Supply current (ICC)
160 mA
Power dissipation (PD)
1.2 W
Operating case temperature (TC)
-40 °C to +85 °C
Storage temperature (TST)
-55 °C to +125 °C
Junction temperature (TJ)
150 °C
Absolute Maximum Ratings
Exposure to maximum rating conditions for extended periods may reduce device reliability.
There is no damage to device with only one parameter set at the limit and all other parameters
set at or below their nominal values.
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
5V
Frequency range
F
250
2700
MHz
Junction temperature
TJ
140
°C
Recommended Operating Conditions
Package and Handling Information
Since the device package is sensitive to moisture absorption, it is
baked and vacuum packed before shipping. Instructions on the
shipping container label regarding exposure to moisture after the
container seal is broken must be followed. Otherwise, problems
related to moisture absorption may occur when the part is sub-
jected to high temperature during solder assembly.
For details on attachment techniques, precautions, and
handling procedures recommended by Skyworks, please refer to
Skyworks Application Note, PCB Design and SMT Assembly/
Rework Guidelines for MCM-L Packages, document number
101752. Additional information on standard SMT reflow profiles
can also be found in the JEDEC Standard J-STD-020.
Electrostatic Discharge (ESD) Sensitivity
The SKY65028-70LF is a static-sensitive electronic device. Do
not operate or store near strong electrostatic fields. Take proper
ESD precautions.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn