Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65028-70LF Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part No. SKY65028-70LF
Description  450 MHz-2.5 GHz Linear Power Amplifier Driver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65028-70LF Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY65028-70LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200445 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • July 31, 2006
1
SKY65028-70LF: 450 MHz–2.5 GHz
Linear Power Amplifier Driver
DATA SHEET
Applications
UHF TV broadcasts
TETRA radios
GSM450, GSM480, GSM750 basestations
AMPS, PCS, DCS, 2.5G, 3G basestations
ISM band transmitters
WCS fixed wireless
802.11b/g WLANs
Features
Wideband frequency range: 450 MHz–2.5 GHz
High linearity: OIP3 > 40 dBm and P1 dB > 24 dBm
High efficiency: PAE 48%
High gain: 20 dB
Single DC supply, 3 V or 5 V
Available lead (Pb)-free, RoHS-compliant, and Green MSL-1 @
260 °C per JEDEC J-STD-020
Description
Skyworks SKY65028-70LF is a high performance, ultra-wideband
linear amplifier with superior output power, linearity, and efficiency.
The device is fabricated using Skyworks high reliability Aluminum
Gallium Arsenide (AlGaAs) Heterojunction Bipolar Transistor
(HBT) technology.
The SKY65028-70LF achieves a high linearity and superior
Adjacent Channel Power Rejection/Adjacent Channel Leakage Ratio
(ACPR/ACLR) performance. This makes it ideal for use in the driver
stage of infrastructure transmit chains for Trans-European Trunked
Radio (TETRA) transceivers, multi-band (GSM, AMPS, PCS, DCS)
handsets, and many other wireless applications.
The SKY65028-70LF is a lead (Pb)-free and Green SOT-89
industry standard package.
Skyworks Green products are lead (Pb)-free, RoHS
(Restriction of Hazardous Substances)-compliant,
conform to the EIA/EICTA/JEITA Joint Industry Guide
(JIG) Level A guidelines, and are free from antimony
trioxide and brominated flame retardants.
NEW
Pin Out — 4-Pin SOT-89 Package (Top View)
12
3
4
RF_In
RF_Out
GND
GND
SOT-89 (-70)
1.50 ± 0.10
0.381 ± 0.025
Sharp
R0.10
1.50
0.46
R0.10
Side View
End View
1
2
3
Half Etching
Depth 0.100


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn