Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65028-70LF Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part No. SKY65028-70LF
Description  450 MHz-2.5 GHz Linear Power Amplifier Driver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65028-70LF Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKY65028-70LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DATA SHEET • SKY65028-70LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200445 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • July 31, 2006
5
-55
-60
-65
-70
-50
-45
-40
-35
10
11
12
13
14
15
16
17
18
19
20
POUT (dBm)
Typical ACPR vs POUT @ 900 MHz,
750 kHz Offset and 25 °C
-60
-65
-70
-75
-55
-50
-45
-40
10
11
12
13
14
15
16
17
18
19
20
POUT (dBm)
Typical ACPR vs POUT @ 1960 MHz,
885 kHz Offset and 25 °C
-55
-60
-65
-50
-45
-40
-35
10
11
12
13
14
15
16
17
18
19
POUT (dBm)
Typical ACPR vs POUT @ 2140 MHz,
5 MHz Offset and 25 °C
-60
-50
-40
-30
-20
-10
0
+10
2.411
2.423
2.436
2.448
2.461
2.473
Frequency (GHz)
Spectral Response with 802.11b Signal
(CCK @ 11 Mbps, VCC = 3.3 V)
802.11b Spec
Measured @ POUT = 23 dBm
-60
-50
-40
-30
-20
-10
0
+10
2.411
2.423
2.436
2.448
2.461
2.473
Frequency (GHz)
Spectral Response with 802.11g Signal
(64 QAM @ 54 Mbps, VCC = 3.3 V)
802.11g Spec
Measured @ POUT = 21.5 dBm


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn