Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65028-70LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part No. SKY65028-70LF
Description  450 MHz-2.5 GHz Linear Power Amplifier Driver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65028-70LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY65028-70LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DATA SHEET • SKY65028-70LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200445 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • July 31, 2006
3
Parameter(1)
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Test Frequency = 450 MHz
Small signal gain
G
CW
27
dB
Output power @ 1 dB compression
P1 dB
CW
24
dBm
Output 3rd order intercept point
OIP3
Two tones, each @ 7 dBm output power
42
dBm
Test Frequency = 900 MHz
Small signal gain
G
CW
22
dB
Output power @ 1 dB compression
P1 dB
CW
24
dBm
Output 3rd order intercept point
OIP3
Two tones, each @ 7 dBm output power
42
dBm
Noise figure
NF
4
dB
Output power @ ACPR = -45 dBc,
POUT
IS-95. Nine forward channels
18
dBm
750 kHz offset
Test Frequency = 1960 MHz
Small signal gain
G
CW
14.5
16
dB
Output power @ 1 dB compression
P1 dB
CW
23
25
dBm
Output 3rd order intercept point
OIP3
Two tones, each @ 7 dBm output power
39
42
dBm
Noise figure
NF
5.5
6.5
dB
Power added efficiency
PAE
CW @ POUT = P1 dB
42
48
%
Supply current
IS
125
145
mA
Output power @ ACPR = -45 dBc,
POUT
IS-95. Nine forward channels
17
19
dBm
885 kHz offset
Test Frequency = 2140 MHz
Small signal gain
G
CW
15
dB
Output power @ 1 dB compression
P1 dB
CW
25
dBm
Output 3rd order intercept point
OIP3
Two tones, each @ 7 dBm output power
42
dBm
Output power @ ACLR = -45 dBc,
POUT
WCDMA. Test model #1; 64 DPCH
17
dBm
5 MHz offset
Test Frequency = 2450 MHz
Small signal gain
G
CW
14.5
dB
Output power @ 1 dB compression
P1 dB
CW
25
dBm
Output 3rd order intercept point
OIP3
Two tones, each @ 7 dBm output power
42
dBm
Noise figure
NF
5
dB
Power added efficiency
PAE
CW, POUT = 26 dBm
50
%
Test Frequency = 2600 MHz
Small signal gain
G
CW
14
dB
Output power @ 1 dB compression
P1 dB
CW
25
dBm
Output 3rd order intercept point
OIP3
Two tones, each @ 7 dBm output power
41
dBm
Electrical Characteristics
VCC = 5 V, TC = 25 °C unless otherwise noted


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn