Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65135-21 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY65135-21
Description  WLAN Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65135-21 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY65135-21 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65135-21 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DATA SHEET • SKY65135 WLAN PA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200436D • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • March 28, 2007
3
Table 1. SKY65135 Signal Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
GND
Ground
11
VCC3
Stage 3 collector voltage
2
GND
Ground
12
VDET_CNTL
Detector voltage control
3
GND
Ground
13
VCC2
Stage 2 collector voltage
4
VC_BIAS
Bias voltage
14
V_DET
Detector output signal
5
VREF1
Bias reference voltage 1
15
VCC_DET
Detector supply voltage
6
VREF2
Bias referance voltage 2
16
VCC1
Stage 1 collector voltage
7
VREF3
Bias referance voltage 3
17
GND
Ground
8
GND
Ground
18
RF_IN
RF input
9
RF_OUT
RF output
19
GND
Ground
10
GND
Ground
20
GND
Ground
Table 2. SKY65135 Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
RF output power
POUT
30
dBm
Supply voltage, measured at pin of package
(Note 2)
VREF1, VREF2, VREF3,
VCC1, VCC2, and
VCC_DET
4
V
3rd stage supply voltage
VCC3, VC_BIAS
6
V
Total supply current (ICC + IBIAS + IREF)
ICC_TOTAL
1200
mA
Power dissipation
4.0
W
Case operating temperature
TC
–40
+85
°C
Storage temperature
TST
–55
+125
°C
Junction temperature
TJ
+150
°C
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value.
Note 2: Evaluation Board supply voltage levels can be different. Refer to the Evaluation Board schematic diagram in Figure 12.
Table 3. SKY65135 Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
RF input power
PIN
–6
dBm
Supply voltage, measured at pin of package
(Note 1)
VREF1, VREF2, and
VREF3
VCC1 and VCC2
VCC_DET
VCC3 and VC_BIAS
2.3
3.0
3.3
4.5
2.5
3.3
3.6
5.0
2.7
3.6
3.9
5.5
V
V
V
V
Case operating temperature
TC
–40
+85
°C
Storage temperature
TST
–55
+125
°C
Note 1: Evaluation Board supply voltage levels can be different. Refer to the Evaluation Board schematic diagram in Figure 12.


Similar Part No. - SKY65135-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65135 SKYWORKS-SKY65135 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY65135-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65131 SKYWORKS-SKY65131_05 Datasheet
243Kb / 10P
   WLAN Power Amplifier Module
SKY65132 SKYWORKS-SKY65132_06 Datasheet
471Kb / 10P
   WLAN Power Amplifier Module
SKY65132 SKYWORKS-SKY65132 Datasheet
125Kb / 8P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131_08 Datasheet
264Kb / 10P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131 Datasheet
115Kb / 8P
   WLAN Power Amplifier Module
logo
ANADIGICS, Inc
AWL9555 ANADIGICS-AWL9555 Datasheet
809Kb / 14P
   802.11a/n WLAN Power Amplifier
logo
TriQuint Semiconductor
TQP787011 TRIQUINT-TQP787011_15 Datasheet
232Kb / 1P
   802.11a 5GHz WLAN Power Amplifier
logo
Skyworks Solutions Inc.
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
   High-Power 802.11ac WLAN Power Amplifier
logo
TriQuint Semiconductor
TQP787011 TRIQUINT-TQP787011 Datasheet
232Kb / 1P
   802.11a 5GHz WLAN Power Amplifier
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
   High Power 5 GHz WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com