Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV25400W Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LV25400W
Description  Bi-CMOS LSI DSP Tuner Front End for Automotive Applications
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV25400W Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LV25400W Datasheet HTML 5Page - Sanyo Semicon Device LV25400W Datasheet HTML 6Page - Sanyo Semicon Device LV25400W Datasheet HTML 7Page - Sanyo Semicon Device LV25400W Datasheet HTML 8Page - Sanyo Semicon Device LV25400W Datasheet HTML 9Page - Sanyo Semicon Device LV25400W Datasheet HTML 10Page - Sanyo Semicon Device LV25400W Datasheet HTML 11Page - Sanyo Semicon Device LV25400W Datasheet HTML 12Page - Sanyo Semicon Device LV25400W Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
LV25400W
No.A0633-9/42
Continued from preceding page.
CCB Command
Pin
No.
Parameter
Symbol
Conditions
min
typ
max
unit
48
IF-Wide-IN
V48FM
15
13
25
25
2.05
V
49
IF-Wide-IN (Bypass)
V49FM
15
13
25
25
2.05
V
50
AM-RF-AGC
V50FM
15
13
25
25
1
V
51
AM-RF-AGC (Bypass)
V51FM
15
13
25
25
1
V
52
AM-ANT-D
V52FM
15
13
25
25
0
0.3
V
53
FM-Narrow-AGC-IN
V53FM
15
13
25
25
0.3
V
54
FM/AM-MIX-OUT
V54FM
15
13
25
25
8
V
55
FM/AM-MIX-OUT
V55FM
15
13
25
25
8
V
56
ANT-DAC
V56FM
15
13
25
25
0
8
V
57
RF-DAC
V57FM
15
13
25
25
0
8
V
58
VCC (8V)
V58FM
15
13
25
25
8
V
59
AM-MIX-IN
V59FM
15
13
25
25
0.2
V
60
AM-MIX-IN
V60FM
15
13
25
25
0.2
V
61
FM-MIX-IN
V61FM
15
13
25
25
3
V
62
FM-MIX-IN
V62FM
15
13
25
25
3
V
63
FM-RF-AGC
V63FM
15
13
25
25
0.2
V
64
FM-ANT-D
V64FM
15
13
25
25
8
V
Note 1 : Pull-up voltage
AM: No input
CCB Command
Pin
No.
Parameter
Symbol
Conditions
min
typ
max
unit
1
FE_GND
V1AM
33
15
26
26
0
V
2
OSC_VCC
V2AM
33
15
26
26
8
V
3
OSC_B
V3AM
33
15
26
26
2.65
V
4
OSC_C
V4AM
33
15
26
26
7.45
V
5
VT
V5AM
33
15
26
26
0
8
V
6
FET_GND
V6AM
33
15
26
26
0
V
7
PLL-LPF
V7AM
33
15
26
26
*
V
8
FM FET
V8AM
33
15
26
26
*
V
9
AM FET
V9AM
33
15
26
26
*
V
10
CPAM
V10AM
33
15
26
26
*
V
11
CPFM
V11AM
33
15
26
26
*
V
12
GND (Digital)
V12AM
33
15
26
26
0
V
13
VCC (X'TAL)
V13AM
33
15
26
26
5
V
14
X'tal IN
V14AM
33
15
26
26
2.7
V
15
X'tal OUT
V15AM
33
15
26
26
4.1
V
16
GND (X'TAL)
V16AM
33
15
26
26
0
V
17
X'tal-Buffer-OUT
V17AM
33
15
26
26
3.45
V
18
CE
V18AM
33
15
26
26
BUS
V
19
DI
V19AM
33
15
26
26
BUS
V
20
CL
V20AM
33
15
26
26
BUS
V
21
DO
V21AM
33
15
26
26
0
Note 1
V
22
VCC 5V (Digital)
V22AM
33
15
26
26
5
V
23
PLL VDD (3V REG)
V23AM
33
15
26
26
3.1
V
24
PLL VDD (4V REG)
V24AM
33
15
26
26
4.15
V
25
AGC-Control-IN (HD)
V25AM
33
15
26
26
Input
V
26
AGC-Control-IN (Analog)
V26AM
33
15
26
26
Input
V
27
IFAGC-OUTN (HD)
V27AM
33
15
26
26
2.75
V
Continued on next page.


Similar Part No. - LV25400W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25400W SANYO-LV25400W Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25400W SANYO-LV25400W Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25400W_0712 SANYO-LV25400W_0712 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25400W SANYO-LV25400W_10 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
More results

Similar Description - LV25400W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25400W SANYO-LV25400W_10 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25400W_0712 SANYO-LV25400W_0712 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25450PNW SANYO-LV25450PNW Datasheet
1Mb / 40P
   For Automotive Applications DSP Tuner Front End
logo
ON Semiconductor
LV25810PEB ONSEMI-LV25810PEB Datasheet
1Mb / 28P
   Bi-CMOS LSI Car DSP Tuner
June, 2014
logo
Fujitsu Component Limit...
MB54501 FUJITSU-MB54501 Datasheet
85Kb / 8P
   FRONT-END LSI
logo
Sanyo Semicon Device
LV1117 SANYO-LV1117 Datasheet
225Kb / 3P
   Bi-CMOS LSI
LC01700PW SANYO-LC01700PW Datasheet
141Kb / 18P
   CMOS LSI FM tuner IC for VICS
LV24230LP SANYO-LV24230LP Datasheet
133Kb / 17P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FM Tuner IC
logo
Analog Devices
AD73422 AD-AD73422 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
logo
NXP Semiconductors
TEF6700HL PHILIPS-TEF6700HL Datasheet
305Kb / 56P
   Car radio tuner front-end for digital IF
2003 Oct 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com