Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65111-348LF Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SKY65111-348LF
Description  ISM 600-1100 MHz Band 2 Watt InGaP HBT Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65111-348LF Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKY65111-348LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DATA SHEET • SKY65111-348LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200428 Rev. E • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • February 12, 2007
5
POUT (dBm)
Gain vs. POUT, VCC = 3.5,
VAPC1, 2 = 2.7 V, 915 MHz
33
34
35
36
37
38
39
40
41
42
43
15
17
19
21
23
25
27
29
31
33
-40 °C
25 °C
85 °C
50 °C
0 °C
-20 °C
POUT (dBm)
Gain vs. POUT, VAPC1, 2 = 2.7 V,
915 MHz @ 25 °C
35
36
37
38
39
40
41
42
43
15
17
19
21
23
25
27
29
31
33
35
37
VCC = 2.5 V
VCC = 5 V
VCC = 3.5 V
POUT (dBm)
2F0 vs. POUT, 915 MHz Fundamental, VCC = 3.5 V
25 °C
VAPC1,2 = 2.8 V
VAPC1,2 = 2.7 V
VAPC1,2 = 2.6 V
-45
-40
-35
-30
-25
-20
-15
15
17
19
21
23
25
27
29
31
33
35
POUT (dBm)
% PAE vs. VAPC1, 2, and VCC
915 MHz @ 25 °C
VCC = 4 V, VAPC1,2 = 2.7 V
VCC = 4 V, VAPC1,2 = 2.8 V
VCC = 4 V, VAPC1,2 = 2.6 V
VCC = 3.5 V, VAPC1,2 = 2.8 V
VCC = 3.5 V, VAPC1,2 = 2.7 V
VCC = 3.5 V, VAPC1,2 = 2.6 V
0
5
10
15
20
25
30
35
40
45
50
55
10 12 14 16 18 20 22 24 26 28 30 32 34 36


Similar Part No. - SKY65111-348LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65111-348LF SKYWORKS-SKY65111-348LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY65111-348LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AP147-320 SKYWORKS-AP147-320 Datasheet
1Mb / 11P
   ISM 900 MHz Band 2-Watt InGaP HBT Power Amplifier
logo
TriQuint Semiconductor
TQP2420G TRIQUINT-TQP2420G Datasheet
524Kb / 13P
   2.4GHz ISM Band InGaP HBT Power Amplifier
TQP2420B TRIQUINT-TQP2420B Datasheet
479Kb / 10P
   2.4GHz ISM Band InGaP HBT Power Amplifier
TQP777002 TRIQUINT-TQP777002 Datasheet
225Kb / 10P
   2.4GHz ISM Band InGaP HBT Matched Power Amplifier
logo
Aeroflex Circuit Techno...
MMA709 AEROFLEX-MMA709 Datasheet
622Kb / 4P
   2 Watt InGaP HBT Amplifier
logo
Analog Devices
HMC452ST89 AD-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER
HMC453QS16G AD-HMC453QS16G Datasheet
1Mb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER
HMC453ST89 AD-HMC453ST89 Datasheet
1Mb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER
HMC452QS16G AD-HMC452QS16G Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER
HMC457QS16G AD-HMC457QS16G Datasheet
523Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com