Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65009-70LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY65009-70LF
Description  250 - 2500 MHz Linear Power Amplifier Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65009-70LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY65009-70LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65009-70LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65009-70LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65009-70LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65009-70LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65009-70LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65009-70LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65009-70LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65009-70LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PRELIMINARY DATA SHEET • SKY65009 PA DRIVER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
November 2, 2006 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 200404C
2
13
RF_IN
GND
Active Bias
RF_OUT
S669
Figure 3. SKY65009 Block Diagram
Electrical and Mechanical Specifications
Signal pin assignments and functional pin descriptions for the
SKY65009 are provided in Table 1. The absolute maximum
ratings are provided in Table 2, and the recommended operating
conditions in Table 3. Electrical characteristics for the SKY65009
are provided in Table 4.
Typical performance characteristics of the SKY65009 are
illustrated in Figures 4 through 10. Package, and tape and reel
dimensions for the 3-pin MCM are shown in Figures 14 and 15,
respectively. Package, and tape and reel dimensions for the 4-pin
SOT-89 are shown in Figures 16 and 17, respectively.
Package and Handling Information
Since the device package is sensitive to moisture absorption, it is
baked and vacuum packed before shipping. Instructions on the
shipping container label regarding exposure to moisture after the
container seal is broken must be followed. Otherwise, problems
related to moisture absorption may occur when the part is
subjected to high temperature during solder assembly.
The SKY65009 is rated to Moisture Sensitivity Level 3 (MSL3) at
250
°C. It can be used for lead or lead-free soldering. For
additional information, refer to the Skyworks Application Note,
PCB Design and SMT Assembly/Rework Guidelines for MCM-L
Packages, document number 101752.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format. For packaging details, refer to the Skyworks
Application Note, Tape and Reel, document number 101568.
Electrostatic Discharge (ESD) Sensitivity
The SKY65009 is a static-sensitive electronic device. Do not
operate or store near strong electrostatic fields. Take proper ESD
precautions.
Table 1. SKY65009 Signal Descriptions
Pin #
Name
Description
1
RF_IN
RF input
2
GND
Ground
3
RF_OUT
RF output
4 (SOT-89 package only)
GND
Ground


Similar Part No. - SKY65009-70LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65009-70LF SKYWORKS-SKY65009-70LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY65009-70LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX65003 ETC-CX65003 Datasheet
328Kb / 12P
   1400 - 2500 MHz Linear Power Amplifier Driver
logo
Skyworks Solutions Inc.
SKY65004 SKYWORKS-SKY65004 Datasheet
364Kb / 14P
   250 -2700 MHz Linear Power Amplifier Driver
logo
Advanced Semiconductor ...
ASX601 ASB-ASX601_17 Datasheet
1Mb / 15P
   250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX601 ASB-ASX601 Datasheet
759Kb / 13P
   250-2500 MHz MMIC Amplifier
December 2010
ASX501 ASB-ASX501_17 Datasheet
1Mb / 15P
   250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX501 ASB-ASX501 Datasheet
804Kb / 14P
   250-2500 MHz MMIC Amplifier
September 2010
logo
Skyworks Solutions Inc.
SKY65008 SKYWORKS-SKY65008 Datasheet
142Kb / 11P
   250 - 2700 MHz Linear, Low Current Power Amplifier Driver
logo
Stealth Microwave, Inc.
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com