Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBMH4525HM162N-T Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # FBMH4525HM162N-T
Description  InGaP General Purpose Amplifier LF-6 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

FBMH4525HM162N-T Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  FBMH4525HM162N-T Datasheet HTML 1Page - Skyworks Solutions Inc. FBMH4525HM162N-T Datasheet HTML 2Page - Skyworks Solutions Inc. FBMH4525HM162N-T Datasheet HTML 3Page - Skyworks Solutions Inc. FBMH4525HM162N-T Datasheet HTML 4Page - Skyworks Solutions Inc. FBMH4525HM162N-T Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200398 Rev. C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 7, 2006
1
SKY65014-214LF: InGaP General Purpose Amplifier
LF–6 GHz
DATA SHEET
Applications
Wireless infrastructure: WLAN, HLAN, DBS, broadband, cellular
base stations
Test instrumentation
CATV
Features
Broadband: LF–6 GHz
Small signal gain: 13.5 dB typ. @ 2 GHz
High output 3rd order intercept: 36 dBm typ.
0P1 dB: 18 dBm typ. @ 2 GHz
Input and output impedance: 50
Ω nominal
Single, positive DC supply voltage
Plastic Micro-X package
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 250 °C
per JEDEC J-STD-020
50
50
Description
The SKY65014 is a general purpose, broadband amplifier
fabricated from Skyworks InGaP HBT process and packaged in
a plastic Micro-X package. The amplifier’s input and output
impedances are 50
Ω, which allows these amplifiers to be
cascaded without external impedance matching networks. The
typical -3 dB bandwidth of the SKY65014 is DC–3 GHz.
This amplifier is also available in the miniature SC-88 package
(SKY65014-92LF) and the SOT-89 package (SKY65014-70LF)
The SKY65014 is lead (Pb)-free and RoHS-compliant.
A populated evaluation board is available upon request.
Full scattering parameters for this part are available for download
at www.skyworksinc.com
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW
Functional Block Diagram


Similar Part No. - FBMH4525HM162N-T

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
FBMH4525HM162N-T SKYWORKS-FBMH4525HM162N-T Datasheet
280Kb / 5P
   InGaP Cascadable Amplifier LF-3 GHz
FBMH4525HM162N-T SKYWORKS-FBMH4525HM162N-T Datasheet
287Kb / 5P
   InGaP Cascadable Amplifier LF-7 GHz
FBMH4525HM162N-T SKYWORKS-FBMH4525HM162N-T Datasheet
334Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
FBMH4525HM162N-T SKYWORKS-FBMH4525HM162N-T Datasheet
341Kb / 5P
   InGaP General-Purpose Amplifier LF-3 GHz
FBMH4525HM162N-T SKYWORKS-FBMH4525HM162N-T Datasheet
271Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
More results

Similar Description - FBMH4525HM162N-T

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65013-214LF SKYWORKS-SKY65013-214LF Datasheet
343Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65015-214LF SKYWORKS-SKY65015-214LF Datasheet
334Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65016-214LF SKYWORKS-SKY65016-214LF Datasheet
341Kb / 5P
   InGaP General-Purpose Amplifier LF-3 GHz
SKY65017-70LF SKYWORKS-SKY65017-70LF Datasheet
271Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
SKY65015-70LF SKYWORKS-SKY65015-70LF Datasheet
294Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
SKY65016-70LF SKYWORKS-SKY65016-70LF Datasheet
280Kb / 5P
   InGaP Cascadable Amplifier LF-3 GHz
SKY65013-70LF SKYWORKS-SKY65013-70LF Datasheet
287Kb / 5P
   InGaP Cascadable Amplifier LF-7 GHz
SKY65014-92LF SKYWORKS-SKY65014-92LF Datasheet
417Kb / 5P
   InGaP Cascadable Amplifier LF-9 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618 Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-5618 HP-AMMP-5618 Datasheet
241Kb / 9P
   6-20 GHz General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com