Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73020 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SKY73020
Description  700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73020 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SKY73020 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73020 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73020 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73020 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73020 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY73020 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY73020 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY73020 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY73020 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PRELIMINARY DATA SHEET • SKY73020 DOWNCONVERSION MIXER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200362D • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • November 6, 2006
9
37
36
35
34
33
32
31
30
880
875
890
885
900
895
910
915
920
Frequency (MHz)
905
0
o
C
25
o
C
85
o
C
Figure 25. Mixer B OIP3 vs Frequency and Temperature
65
60
55
50
880
890
885
900
895
910
915
Frequency (MHz)
905
4.75 V
5.00 V
5.25 V
Figure 27. Channel A To Channel B Isolation vs Frequency and
Supply Voltage
80
75
70
65
880
890
885
900
895
910
915
Frequency (MHz)
905
4.75 V
5.00 V
5.25 V
Figure 29. LO1-To-LO2 Isolation vs Frequency and Supply Voltage
37
36
35
34
33
32
31
30
880
875
890
885
900
895
910
915
920
Frequency (MHz)
905
4.75 V
5.00 V
5.25 V
Figure 26. Mixer B OIP3 vs Frequency and Supply Voltage
65
60
55
50
880
890
885
900
895
910
915
Frequency (MHz)
905
0
o
C
25
o
C
85
o
C
Figure 28. Channel A To Channel B Isolation vs Frequency and
Temperature
80
75
70
65
880
890
885
900
895
910
915
Frequency (MHz)
905
0
o
C
25
o
C
85
o
C
Figure 30. LO1-To-LO2 Isolation vs Frequency and Temperature


Similar Part No. - SKY73020

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73020-11 SKYWORKS-SKY73020-11_15 Datasheet
493Kb / 20P
   700 to 1000 MHz High-Gain and High-Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
More results

Similar Description - SKY73020

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73022-11 SKYWORKS-SKY73022-11 Datasheet
303Kb / 12P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
SKY73020-11 SKYWORKS-SKY73020-11_15 Datasheet
493Kb / 20P
   700 to 1000 MHz High-Gain and High-Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73032 SKYWORKS-SKY73032 Datasheet
431Kb / 11P
   700 - 1000 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73021 SKYWORKS-SKY73021_08 Datasheet
367Kb / 18P
   1700 ??2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73085-11 SKYWORKS-SKY73085-11 Datasheet
1Mb / 16P
   390 - 500 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73021 SKYWORKS-SKY73021 Datasheet
501Kb / 15P
   1700 - 2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73023 SKYWORKS-SKY73023 Datasheet
281Kb / 10P
   1700 -2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
SKY73022-11 SKYWORKS-SKY73022-11_09 Datasheet
344Kb / 17P
   700 ??1000 MHz High Gain and Linearity Diversity Downconversion Mixer
SKY73033 SKYWORKS-SKY73033 Datasheet
429Kb / 11P
   1700 - 2200 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
SKY73035 SKYWORKS-SKY73035 Datasheet
413Kb / 10P
   2300 - 2700 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com