Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73100-11 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY73100-11
Description  865-960 MHz High Performance VCO/Synthesizer With Integrated Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73100-11 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY73100-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200361A • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • June 20, 2007
1
PRELIMINARY DATA SHEET
SKY73100: 865-960 MHz High Performance VCO/Synthesizer
With Integrated Switch
Applications
• 2G, 2.5G, and 3G base station transceivers:
− GSM, EDGE, CDMA, WCDMA
• General purpose RF systems
Features
• Wideband frequency operation: 865 to 960 MHz
• Process-tolerant compensation for VCO
• 24-bit Σ∆ fractional-N synthesizer
• Ultra-fine frequency resolution of 0.001 ppm
• Flexible reference frequency selection
• Three-wire serial interface up to 20 MHz clock frequency
• Integrated PLL supply regulation for spur isolation
• MCM (38-pin, 9 x 12 mm) Pb-free free (MSL3, 260 °C per
JEDEC J-STD-020) SMT package
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances) compliant packaging.
Description
Skyworks SKY73100 Voltage-Controlled Oscillator
(VCO)/Synthesizer is a fully integrated, high performance signal
source for high dynamic range transceivers. The device provides
ultra-fine frequency resolution, fast switching speed, and low
phase noise performance for 2G, 2.5G, and 3G base station
transceivers.
The SKY73100 VCO/Synthesizer is a key building block for high-
performance radio system designs that require low power and a
fine step size. Reference clock generators with an output
frequency up to 52 MHz can be used with the SKY73100. The
input clock frequency is divided down by programmable dividers
(1 to 8) for the synthesizer. The phase detector can operate at a
maximum speed of 26 MHz, which allows better phase noise due
to the lower division value.
The SKY73100 VCO/Synthesizer is provided in a compact, 38-pin
Multi-Chip Module (MCM). The device package and pinout are
shown in Figure 1. A functional block diagram is shown in
Figure 2. Signal pin assignments and functional pin descriptions
are provided in Table 1.
S958
1
2
3
4
5
6
7
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
GND
GND
GND
SW_EN
GND
8
GND
9
GND
10
RF_OUT
GND
GND
29
28
27
26
25
24
23
GND
GND
GND
GND
FREF
22
LD
21
N/C
20
GND
GND
N/C
Figure 1. SKY73100 Pinout– 38-Pin MCM Package
(Top View)


Similar Part No. - SKY73100-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73100-11 SKYWORKS-SKY73100-11_09 Datasheet
980Kb / 21P
   865-960 MHz High Performance VCO/Synthesizer
More results

Similar Description - SKY73100-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73100-11 SKYWORKS-SKY73100-11_09 Datasheet
980Kb / 21P
   865-960 MHz High Performance VCO/Synthesizer
SKY73101 SKYWORKS-SKY73101 Datasheet
158Kb / 13P
   1800-1990 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73121-11 SKYWORKS-SKY73121-11 Datasheet
265Kb / 22P
   1805 - 1890 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73112 SKYWORKS-SKY73112 Datasheet
154Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73103 SKYWORKS-SKY73103 Datasheet
172Kb / 18P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73112-11 SKYWORKS-SKY73112-11_09 Datasheet
274Kb / 22P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73103-11 SKYWORKS-SKY73103-11_09 Datasheet
244Kb / 22P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY72300-362 SKYWORKS-SKY72300-362 Datasheet
179Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com