Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8085CL Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV8085CL
Description  Bi-CMOS LSI Two-channel H-Bridge Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8085CL Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV8085CL Datasheet HTML 1Page - Sanyo Semicon Device LV8085CL Datasheet HTML 2Page - Sanyo Semicon Device LV8085CL Datasheet HTML 3Page - Sanyo Semicon Device LV8085CL Datasheet HTML 4Page - Sanyo Semicon Device LV8085CL Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LV8085CL
No.A0631-2/5
Allowable Operating Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.5 to 6.0
V
High-level input voltage
VIH
0.6VCC
V
Low-level input voltage
VIL
IN
-0.3 to 0.2VCC
V
Electrical Characteristics at Ta = 25°C, VCC = 3.0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICCO
IN = 0V
0.1
1
µA
Quiescent current
ICCO1
IN = 3V
0.45
0.7
mA
Ron1
VCC = 3.0V (High and low side total)
IN1 to 4 = 3.0V, IOUT = 100mA
2.1
3.0
Output on resistance
Ron2
VCC = 5.0V (High and low side total)
IN1 to 4 = 5.0V, IOUT = 100mA
1.75
2.2
Output turn-on time
Trise
1.5
3.0
µs
Output turn-off time
Tfall
0.2
1.0
µs
Input current
IIN
VIN = 3V
30
70
µA
Package Dimensions
unit : mm (typ)
3334
Pin Assignment
(ECSP2823-10)
OUT1
OUT2
OUT3
OUT4
IN2
GND
IN1
IN3
IN4
VCC
(Top View)
1
2
3
4
5
10
9
8
7
6
SANYO : ECSP2823-10
2.3
0.325
0.075
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
-30
-20
0
20
40
60
80
100
85
0
100
200
300
400
500
Pd max -- Ta
Ambient temperature, Ta --
°C
Specified substrate circuit board : 20
×10×0.8mm3
Peper phenol circuit board
210


Similar Part No. - LV8085CL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8080LP SANYO-LV8080LP Datasheet
97Kb / 8P
   Bi-CMOS LSI Two channels Constant-current H-bridge Driver
LV8080LP SANYO-LV8080LP Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
LV8080LP SANYO-LV8080LP Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
logo
ON Semiconductor
LV8080LP ONSEMI-LV8080LP Datasheet
93Kb / 8P
   Two channels Constant-current H-bridge Driver
June, 2013
LV8080LP-TE-L-E ONSEMI-LV8080LP-TE-L-E Datasheet
93Kb / 8P
   Two channels Constant-current H-bridge Driver
June, 2013
More results

Similar Description - LV8085CL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8082LP SANYO-LV8082LP Datasheet
71Kb / 6P
   Bi-CMOS LSI Two Constant-current H-Bridge Driver channels
LV8080LP SANYO-LV8080LP Datasheet
97Kb / 8P
   Bi-CMOS LSI Two channels Constant-current H-bridge Driver
LV8761V SANYO-LV8761V Datasheet
127Kb / 12P
   Bi-CMOS LSI Forward/Reverse H-bridge Driver
LV8760T SANYO-LV8760T Datasheet
118Kb / 10P
   Bi-CMOS LSI Forward/Reverse H-bridge Driver
LB1973M SANYO-LB1973M Datasheet
367Kb / 5P
   Two-channel H-Bridge Driver
LB1973M SANYO-LB1973M_11 Datasheet
338Kb / 5P
   Two-channel H-Bridge Driver
logo
ON Semiconductor
LB1973JA-AH ONSEMI-LB1973JA-AH Datasheet
173Kb / 5P
   Two-channel H-Bridge Driver
June, 2013
logo
Sanyo Semicon Device
LV8413GP SANYO-LV8413GP Datasheet
82Kb / 7P
   Bi-CMOS LSI For DSC, and Cell Phone Camera Modules H-Bridge 횞 2-channel Motor Driver
LV1117 SANYO-LV1117 Datasheet
225Kb / 3P
   Bi-CMOS LSI
LV8086T SANYO-LV8086T Datasheet
71Kb / 6P
   Bi-CMOS LSI Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com