Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM5231A-300-HI Datasheet(PDF) 9 Page - PMC-Sierra, Inc

Part # RM5231A-300-HI
Description  RM5231A??Microprocessor with 32-Bit System Bus Data Sheet Preliminary
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

RM5231A-300-HI Datasheet(HTML) 9 Page - PMC-Sierra, Inc

Back Button RM5231A-300-HI Datasheet HTML 5Page - PMC-Sierra, Inc RM5231A-300-HI Datasheet HTML 6Page - PMC-Sierra, Inc RM5231A-300-HI Datasheet HTML 7Page - PMC-Sierra, Inc RM5231A-300-HI Datasheet HTML 8Page - PMC-Sierra, Inc RM5231A-300-HI Datasheet HTML 9Page - PMC-Sierra, Inc RM5231A-300-HI Datasheet HTML 10Page - PMC-Sierra, Inc RM5231A-300-HI Datasheet HTML 11Page - PMC-Sierra, Inc RM5231A-300-HI Datasheet HTML 12Page - PMC-Sierra, Inc RM5231A-300-HI Datasheet HTML 13Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Proprietary and Confidential to PMC-Sierra, Inc and for its Customer’s Internal Use
9
Document ID: PMC-2002174, Issue 2
RM5231A™ Microprocessor with 32-Bit System Bus Data Sheet
Preliminary
1
Features
Dual Issue superscalar microprocessor
250, 300, and 350 MHz operating frequencies
Up to 420 Dhrystone 2.1 MIPS
System interface optimized for embedded applications
32-bit system interface lowers total system cost
High-performance write protocols maximize uncached write bandwidth
Processor clock multipliers: 2, 2.5, 3, 3.5, 4, 4.5, 5, 6, 7, 8, 9
IEEE 1149.1 JTAG boundary scan
Integrated on-chip caches
32 KB instruction and 32 KB data — 2 way set associative
Per set locking
Virtually indexed, physically tagged
Write-back and write-through on a per page basis
Pipeline restart on first doubleword for data cache misses
Integrated memory management unit
Fully associative joint TLB (shared by I and D translations)
48 dual entries map 96 pages
Variable page size (4 KB to 16 MB in 4x increments)
High-performance floating-point unit — up to 700 MFLOPS
Single cycle repeat rate for common single-precision operations and some double pre-
cision operations
Two cycle repeat rate for double-precision multiply and double precision combined
multiply-add operations
Single cycle repeat rate for single-precision combined multiply-add operation
MIPS IV instruction set
Floating point multiply-add instruction increases performance in signal processing
and graphics applications
Conditional moves to reduce branch frequency
Index address modes (register + register)
Embedded application enhancements
Specialized DSP integer Multiply-Accumulate instructions and 3-operand multiply
instruction
I and D cache locking by set
Optional dedicated exception vector for interrupts
Fully static 0.18 micron CMOS design with power down logic
Standby reduced power mode with WAIT instruction
1.65 V or 1.8 V core with 3.3 V or 2.5 V I/O
128-pin QFP package


Similar Part No. - RM5231A-300-HI

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
More results

Similar Description - RM5231A-300-HI

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
RM5261A PMC-RM5261A Datasheet
683Kb / 42P
   RM5261A??Microprocessor with 64-Bit System Bus Data Sheet Preliminary
RM5231 PMC-RM5231 Datasheet
630Kb / 39P
   RM5231??Microprocessor with 32-Bit System Bus Data Sheet Released
RM5261 PMC-RM5261 Datasheet
683Kb / 40P
   RM5261??Microprocessor with 64-Bit System Bus Data Sheet Released
logo
Intel Corporation
80960SA INTEL-80960SA Datasheet
374Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
EE80960SB16512 INTEL-EE80960SB16512 Datasheet
1Mb / 38P
   EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
80960SB INTEL-80960SB Datasheet
382Kb / 38P
   EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
logo
PMC-Sierra, Inc
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
logo
Fairchild Semiconductor
FSLV34X245 FAIRCHILD-FSLV34X245 Datasheet
229Kb / 5P
   32-Bit Bus Switch (Preliminary)
logo
PMC-Sierra, Inc
RM7065A PMC-RM7065A Datasheet
776Kb / 52P
   RM7065A??Microprocessor with On-Chip Secondary Cache Data Sheet Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com