Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMJ3947-103 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # DMJ3947-103
Description  Chip On Board Mixer Quads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DMJ3947-103 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  DMJ3947-103 Datasheet HTML 1Page - Skyworks Solutions Inc. DMJ3947-103 Datasheet HTML 2Page - Skyworks Solutions Inc. DMJ3947-103 Datasheet HTML 3Page - Skyworks Solutions Inc. DMJ3947-103 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATA SHEET • CHIP-ON-BOARD MIXER QUADS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200271 Rev. D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 19, 2007
3
100, 101, 102
103
Glass Not
Shown For Clarity
Ink Dot 0.010 (0.25 mm) Dia. Min.
Color Per Internal Specification
0.026
(0.66 mm) Mn.
0.005 (0.13 mm)
0.001 (0.02 mm) Typ.
()
Glass Dam
0.100 (2.54 mm)
+0.002 (0.05 mm)
-0.004 (0.10 mm)
Epoxy Encapsulation
(Black)
0.040
(1.02 mm)
Max.
0.020 (0.51 mm)
± 0.002 (0.05 mm)
0.020 (0.51 mm)
X 0.010 (0.25 mm)
Orientation Mark
0.120 (3.05 mm)
+0.002 (0.05 mm)
-0.004 (0.10 mm)
0.030 (0.76 mm)
± 0.003 (0.08 mm)
SQ.
Bottom side is free of metalization.
The minimum specified area of the contact pads (0.017 x 0.022) shall be free of epoxy.
Ceramic Substrate
0.050
(1.27 mm)
Max.
0.020 (0.51 mm)
± 0.002 (0.05 mm)
0.130 (3.30 mm)
± 0.003 (0.08 mm)
0.140 (3.56 mm)
± 0.003 (0.08 mm)
0.025 (0.64 mm)
± 0.003 (0.08 mm)
0.020
(0.51 mm)
± 0.003
(0.08 mm)
Orientation
Dot
1
6
5
2
3
4
Schematic
Dot


Similar Part No. - DMJ3947-103

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
DMJ3940-257 SKYWORKS-DMJ3940-257 Datasheet
1Mb / 20P
   Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
April 18, 2017
More results

Similar Description - DMJ3947-103

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAGHB3.EM OSRAM-GWKAGHB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAGLB2.CM OSRAM-GWKAGLB2.CM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAHLB2.CM OSRAM-GWKAHLB2.CM Datasheet
3Mb / 18P
   Chip-on-Board
GW-KAGJB2-EM OSRAM-GW-KAGJB2-EM Datasheet
1Mb / 17P
   Chip-on-Board
GW-KAGGB3.CM OSRAM-GW-KAGGB3.CM Datasheet
773Kb / 17P
   Chip-on-Board
GW-KAFGB3.CM OSRAM-GW-KAFGB3.CM Datasheet
1Mb / 17P
   Chip-on-Board
GWKAGHB2.EM OSRAM-GWKAGHB2.EM Datasheet
598Kb / 18P
   Chip-on-Board
GW-KAGMB3.EM OSRAM-GW-KAGMB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GW-KAHLB1.EM OSRAM-GW-KAHLB1.EM Datasheet
407Kb / 19P
   Chip-on-Board
GW-KAHLB2.DM OSRAM-GW-KAHLB2.DM Datasheet
2Mb / 18P
   Chip-on-Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com