Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8044LP Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LV8044LP
Description  Bi-CMOS LSI For Digital Still Camera 6-channel Motor Driver IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8044LP Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LV8044LP Datasheet HTML 3Page - Sanyo Semicon Device LV8044LP Datasheet HTML 4Page - Sanyo Semicon Device LV8044LP Datasheet HTML 5Page - Sanyo Semicon Device LV8044LP Datasheet HTML 6Page - Sanyo Semicon Device LV8044LP Datasheet HTML 7Page - Sanyo Semicon Device LV8044LP Datasheet HTML 8Page - Sanyo Semicon Device LV8044LP Datasheet HTML 9Page - Sanyo Semicon Device LV8044LP Datasheet HTML 10Page - Sanyo Semicon Device LV8044LP Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LV8044LP
No.A0438-7/25
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent circuit
37
PI3/MO
Photosensor drive output 3/position detection monitor
17
VCC
Logic system power supply
1
PGND1
Channels 1/2/5 - Power system ground
30
PGND2
Channels 3/4/6 - Power system ground
34
SGND
Signal system ground
Serial Data Input Specifications
1. Serial Data Input Setup
First set STB low and then input the SDATA and SCLK signals. The SCLK signal is not accepted when STB is high.
SDATA inputs the data in the order D0, D1, ... D6, D7.
Data is transferred on the rising edge of SCLK and after all data has been transferred, all the data is latched on the rising
edge of STB.
2. Timing with which the Serial Data Settings are Reflected in the Output
• STP timing mode (applies to microstep driver settings)
Type 1: The hold, reset, and enable settings, as well as the reference voltage setting are reflected at the same time as
the STB signal data latch operation.
Type 2: The forward/reverse (FR) and the excitation setting mode (MS) setting that are set at STP setup are reflected
in the output at the next clock rising edge after data latch.
• STB timing (applies to settings other than the above)
Type 1: The PWM driver, constant-current driver, PI, and other settings are reflected at the same time as the STB signal
data latch operation.


Similar Part No. - LV8044LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8044LP SANYO-LV8044LP Datasheet
542Kb / 26P
   6-channel Motor Driver IC
logo
ON Semiconductor
LV8044LP ONSEMI-LV8044LP Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
LV8044LP-MPB-E ONSEMI-LV8044LP-MPB-E Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
LV8044LP-MPB-E ONSEMI-LV8044LP-MPB-E Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
LV8044LP-MPB-H ONSEMI-LV8044LP-MPB-H Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
More results

Similar Description - LV8044LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8052GP SANYO-LV8052GP Datasheet
145Kb / 13P
   Bi-CMOS IC For Digital Still Camera Single-Chip Motor Driver IC
LV8051PL SANYO-LV8051PL Datasheet
106Kb / 14P
   Bi-CMOS IC For Digital Still Cameras 6-channel 1-chip Motor Driver IC
logo
Ceramate Technical
CMD8649 CERAMATE-CMD8649 Datasheet
228Kb / 8P
   Lens Motor Driver for Digital Still Camera
logo
Sanyo Semicon Device
LV8042LG SANYO-LV8042LG Datasheet
201Kb / 29P
   Bi-CMOS IC For Digital Still Cameras 7-Channel Single-Chip Motor Driver ICs
logo
Rohm
BH6412KN ROHM-BH6412KN Datasheet
201Kb / 6P
   Monaural Audio Interface LSI for Digital still camera
logo
Sanyo Semicon Device
LV8411GR SANYO-LV8411GR Datasheet
86Kb / 7P
   Bi-CMOS LSI For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
logo
Texas Instruments
TPS65520 TI-TPS65520 Datasheet
1Mb / 61P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
TPS65520A TI1-TPS65520A Datasheet
1Mb / 61P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
logo
Sanyo Semicon Device
LV8054LP SANYO-LV8054LP Datasheet
512Kb / 23P
   Bi-CMOS IC For Digital Cameras Single-chip motor Driver IC
LV8048CS SANYO-LV8048CS Datasheet
820Kb / 28P
   For Digital Still Cameras Single-chip motor driver IC for
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com