Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW13-D782-001 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # TW13-D782-001
Description  250 - 2700 MHz Linear, Low Current Power Amplifier Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TW13-D782-001 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  TW13-D782-001 Datasheet HTML 1Page - Skyworks Solutions Inc. TW13-D782-001 Datasheet HTML 2Page - Skyworks Solutions Inc. TW13-D782-001 Datasheet HTML 3Page - Skyworks Solutions Inc. TW13-D782-001 Datasheet HTML 4Page - Skyworks Solutions Inc. TW13-D782-001 Datasheet HTML 5Page - Skyworks Solutions Inc. TW13-D782-001 Datasheet HTML 6Page - Skyworks Solutions Inc. TW13-D782-001 Datasheet HTML 7Page - Skyworks Solutions Inc. TW13-D782-001 Datasheet HTML 8Page - Skyworks Solutions Inc. TW13-D782-001 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PRELIMINARY DATA SHEET • SKY65008
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
April 21, 2005 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 200292A
850
32
31
30
29
28
27
26
25
870
890
910
930
950
Frequency (MHz)
Figure 3. Typical Small Signal Gain vs Frequency in the 900 MHz Band
1700
21
20
19
18
1800
1900
2000
2100
2200
Frequency (MHz)
Figure 4. Typical Small Signal Gain vs Frequency in the 1900 MHz Band
21
20
19
18
17
2000
2050
2100
2150
2200
2250
2300
Frequency (MHz)
Figure 5. Typical Small Signal Gain vs Frequency in the 2100 MHz Band


Similar Part No. - TW13-D782-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
TW13-D965-0037 SKYWORKS-TW13-D965-0037 Datasheet
633Kb / 12P
   100 – 1000 MHz; Ultra Wideband Variable Gain Amplifier
August 17, 2006
More results

Similar Description - TW13-D782-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65004 SKYWORKS-SKY65004 Datasheet
364Kb / 14P
   250 -2700 MHz Linear Power Amplifier Driver
SKY65009 SKYWORKS-SKY65009 Datasheet
402Kb / 13P
   250 - 2500 MHz Linear Power Amplifier Driver
SKY65099-360LF SKYWORKS-SKY65099-360LF Datasheet
558Kb / 13P
   700 to 2700 MHz Broadband Linear Amplifier Driver
logo
Stealth Microwave, Inc.
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM2527-50 STEALTH_MICROWAVE-SM2527-50 Datasheet
145Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM06927-36H STEALTH_MICROWAVE-SM06927-36H Datasheet
90Kb / 3P
   690-2700 MHz 4 Watt Linear Power Amplifier
SM2527-47 STEALTH_MICROWAVE-SM2527-47 Datasheet
122Kb / 3P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM1727-34HSQ STEALTH_MICROWAVE-SM1727-34HSQ Datasheet
96Kb / 2P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1727-37SQ STEALTH_MICROWAVE-SM1727-37SQ Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM2527-50L STEALTH_MICROWAVE-SM2527-50L Datasheet
113Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com