Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM300CSE060 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # PM300CSE060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM300CSE060 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  PM300CSE060_05 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM300CSE060_05 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM300CSE060_05 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM300CSE060_05 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM300CSE060_05 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM300CSE060_05 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM300CSE060_05 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM300CSE060_05 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM300CSE060
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
2
1.5
1
0.5
0
0
150
200
250
100
50
300
VD = 15V
Tj = 25
°C
Tj = 125
°C
200
300
100
400
0
0
1
0.5
1.5
2
Tj = 25
°C
2
1.5
1
0.5
0
18
13
12
15
14
17
16
10–1
101
7
5
3
2
100
7
5
3
2
23
103
57
102
4
4
101
4
23
5 7
4
10–1
101
7
5
3
2
101
100
7
5
3
2
23
103
57
102
4
4
4
23
5
7
4
IC = 300A
Tj = 25
°C
Tj = 125
°C
VCC = 300V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
VCC = 300V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
15V
13V
VD = 17V
toff
ton
tc(on)
tc(on)
tc(off)
tc(off)
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT IC (A)
COLLECTOR-EMITTER SATURATION
VOLTAGE (VS. Ic) CHARACTERISTICS
(TYPICAL)
CONTROL SUPPLY VOLTAGE VD (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE (VS. VD) CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
SWITCHING TIME CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
SWITCHING TIME CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
SWITCHING LOSS CHARACTERISTICS
(TYPICAL)
10–1
101
7
5
3
2
3
2
100
7
5
3
2
4
4
101
23
103
57
102
4
23
5
7
4
ESW(on)
ESW(off)
VCC = 300V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
PERFORMANCE CURVES


Similar Part No. - PM300CSE060_05

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300CSE060 MITSUBISHI-PM300CSE060 Datasheet
122Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM300CSE060_05

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com