Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM300CLA120 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # PM300CLA120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM300CLA120 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  PM300CLA120_05 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM300CLA120_05 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM300CLA120_05 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM300CLA120_05 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM300CLA120_05 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM300CLA120_05 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM300CLA120_05 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM300CLA120_05 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM300CLA120
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
101
103
7
5
3
2
0
102
7
5
3
2
0.5
1
1.5
2
3
2.5
4
4
VD = 15V
Tj = 25
°C
Tj = 125
°C
101
23
5 7
102
23
5 7
103
44
10–3
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
10–323 5 710–223 5 710–1
10–523 5 710–423 5 7
23 5 7
100 23 57101
Single Pulse
Per unit base = Rth(j – c)Q = 0.08
°C/W
10–3
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
10–323 5 710–223 5 710–1
10–523 5 710–42 3 57
2 3 57
100 23 57101
Single Pulse
Per unit base = Rth(j – c)F = 0.13
°C/W
10–2
101
10–1
100
7
5
3
4
2
7
5
3
4
2
7
5
3
4
2
7
5
3
4
2
7
5
3
4
2
7
5
3
4
2
100
103
101
102
Tj = 25
°C
Tj = 125
°C
Inductive load
VCC = 600V
VD = 15V
trr
Irr
0
10
20
30
40
50
60
25
0
510
15
20
ID VS. fc CHARACTERISTICS
(TYPICAL)
CARRIER FREQUENCY fc (kHz)
P-side or N-side
VD = 15V
Tj = 25
°C
EMITTER-COLLECTOR VOLTAGE VEC (V)
DIODE FORWARD CHARACTERISTICS
(TYPICAL)
DIODE REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
COLLECTOR RECOVERY CURRENT –IC (A)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT PART)
TIME (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi PART)
TIME (s)


Similar Part No. - PM300CLA120_05

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300CLA120 MITSUBISHI-PM300CLA120 Datasheet
249Kb / 7P
   MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM300CLA120 POWEREX-PM300CLA120 Datasheet
296Kb / 6P
   Three Phase IGBT Inverter 300 Amperes/1200 Volts
More results

Similar Description - PM300CLA120_05

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com