Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM300CLA060 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. PM300CLA060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM300CLA060 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PM300CLA060_05 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM300CLA060
FLAT-BASE TYPE
INSULATED PACKAGE
May 2005
PRECAUTIONS FOR TESTING
1. Before appling any control supply voltage (VD), the input terminals should be pulled up by resistores, etc. to their corre-
sponding supply voltage and each input signal should be kept off state.
After this, the specified ON and OFF level setting for each input signal should be done.
2. When performing “SC” tests, the turn-off surge voltage spike at the corresponding protection operation should not be al-
lowed to rise above VCES rating of the device.
(These test should not be done by using a curve tracer or its equivalent.)
10%
90%
trr
Irr
tr
td(on)
tc(on)
tc(off)
td(off)
VCIN
Ic
VCE
10%
10%
10%
90%
tf
(ton= td(on) + tr)
(toff= td(off) + tf)
P, (U,V,W)
U,V,W, (N)
U,V,W, (N)
VD (all)
IN
Fo
Fo
Fo
IN
Fo
VD (all)
VCIN
(0V)
Ic
V
V
P, (U,V,W)
VCIN
(15V)
Ic
P
N
N
CS
CS
U,V,W
Vcc
Vcc
Ic
Ic
VD (all)
VD (all)
P
U,V,W
VCIN
VCIN
VCIN
(15V)
VCIN
(15V)
Fo
Fo
Fig. 3 Switching time and SC test circuit
Fig. 4 Switching time test waveform
Fig. 1 VCE(sat) Test
Fig. 2 VEC Test
a) Lower Arm Switching
Signal input
(Upper Arm)
Signal input
(Lower Arm)
Signal input
(Upper Arm)
Signal input
(Lower Arm)
b) Upper Arm Switching
VCIN
Fig. 7 Dead time measurement point example
Fig. 5 ICES Test
Fig. 6 SC test waveform
SC
Short Circuit Current
toff(SC)
VD (all)
U,V,W, (N)
P, (U,V,W)
A
Pulse
VCE
VCIN
(15V)
Ic
Fo
IN
Fo
0V
1.5V
1.5V
1.5V
2V
2V
2V
0V
t
t
tdead
tdead
tdead
1.5V: Input on threshold voltage Vth(on) typical value, 2V: Input off threshold voltage Vth(off) typical value
IPM’ input signal VCIN
(Upper Arm)
IPM’ input signal VCIN
(Lower Arm)
Constant Current


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PM100RSE060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150RSE120_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150CBS060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM200CBS060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150CLA060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM200CLA060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150CLA120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM200CLA120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150CSA060_00 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM100RLA120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn