Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM300CLA060 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. PM300CLA060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM300CLA060 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM300CLA060_05 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM300CLA060
FLAT-BASE TYPE
INSULATED PACKAGE
May 2005
VD = 15V
Detect Tj of IGBT chip
–20
≤ Tj ≤ 125°C
VD = 15V, VFO = 15V
(Note-2)
VD = 15V
(Note-2)
–20
≤ Tj ≤ 125°C, VD = 15V
(Fig. 3,6)
VD = 15V
(Fig. 3,6)
3.5
3.5
Main terminal
screw : M5
Mounting part
screw : M5
Symbol
Parameter
Mounting torque
Mounting torque
Weight
Condition
Unit
N • m
N • m
g
Limits
Min.
Typ.
Max.
2.5
2.5
3.0
3.0
800
MECHANICAL RATINGS AND CHARACTERISTICS
VD = 15V, VCIN = 15V
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN-VNC
ID
µs
°C
V
mA
ms
28
12
1.8
2.3
12.5
0.01
15
mA
Circuit Current
Input ON Threshold Voltage
Input OFF Threshold Voltage
Short Circuit Trip Level
Short Circuit Current Delay
Time
Over Temperature Protection
Supply Circuit Under-Voltage
Protection
Fault Output Current
Minimum Fault Output Pulse
Width
Vth(ON)
Vth(OFF)
SC
toff(SC)
OT
OTr
UV
UVr
IFO(H)
IFO(L)
tFO
Trip level
Reset level
Trip level
Reset level
CONTROL PART
1.2
1.7
600
135
11.5
1.0
Parameter
Symbol
Condition
Max.
Min.
Typ.
Unit
Limits
18
6
1.5
2.0
0.2
145
125
12.0
12.5
10
1.8
(Note-2) Fault output is given only when the internal SC, OT & UV protections schemes of either upper or lower arm device operate to
protect it.
V
VN1-VNC
V*P1-V*PC
A
RECOMMENDED CONDITIONS FOR USE
Recommended value
Unit
Condition
Symbol
Parameter
V
Applied across P-N terminals
Applied between : VUP1-VUPC, VVP1-VVPC
VWP1-VWPC, VN1-VNC
(Note-3)
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN-VNC
Using Application Circuit of Fig. 8
For IPM’s each input signals
(Fig. 7)
Supply Voltage
Control Supply Voltage
Input ON Voltage
Input OFF Voltage
PWM Input Frequency
Arm Shoot-through
Blocking Time
≤ 400
15
± 1.5
≤ 0.8
≥ 9.0
≤ 20
≥ 2.0
VCC
VCIN(ON)
VCIN(OFF)
fPWM
tdead
VD
V
kHz
µs
V
(Note-3) With ripple satisfying the following conditions: dv/dt swing
≤ ±5V/µs, Variation ≤ 2V peak to peak


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn