Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM300CLA060 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. PM300CLA060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM300CLA060 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PM300CLA060_05 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM300CLA060_05 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM300CLA060
FLAT-BASE TYPE
INSULATED PACKAGE
May 2005
Parameter
Symbol
Supply Voltage Protected by
SC
Supply Voltage (Surge)
Storage Temperature
Isolation Voltage
Condition
VCC(surge)
Tstg
Viso
Ratings
VCC(PROT)
400
500
–40 ~ +125
2500
Unit
V
°C
Vrms
V
VD = 13.5 ~ 16.5V, Inverter Part,
Tj = +125
°C Start
Applied between : P-N, Surge value
60Hz, Sinusoidal, Charged part to Base, AC 1 min.
TOTAL SYSTEM
2.1
2.0
3.3
2.4
0.4
1.0
2.5
1.0
1
10
Min.
Typ.
Max.
Collector-Emitter
Saturation Voltage
Collector-Emitter
Cutoff Current
–IC = 300A, VD = 15V, VCIN = 15V
(Fig. 2)
Tj = 25
°C
Tj = 125
°C
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Parameter
Symbol
Condition
VCE(sat)
ICES
VEC
ton
trr
tc(on)
toff
tc(off)
Limits
0.5
1.6
1.5
2.2
1.0
0.2
0.4
1.2
0.5
Tj = 25
°C
Tj = 125
°C
FWDi Forward Voltage
Switching Time
VD = 15V, VCIN = 0V
↔15V
VCC = 300V, IC = 300A
Tj = 125
°C
Inductive Load
(Fig. 3, 4)
VCE = VCES, VCIN = 15V
(Fig. 5)
VD = 15V, IC = 300A
VCIN = 0V
(Fig. 1)
V
mA
V
µs
Unit
Bottom view
Y
X
* If you use this value, Rth(f-a) should be measured just under the chips.
(Note-1) Tc (under the chip) measurement point is below.
UP
IGBT
23.0
56.3
VP
WP
UN
VN
WN
FWDi
23.0
42.7
IGBT
57.5
56.3
FWDi
56.5
42.7
IGBT
87.5
56.3
FWDi
86.5
42.7
IGBT
37.0
29.1
FWDi
38.0
42.7
IGBT
70.5
29.1
FWDi
71.5
42.7
IGBT
100.5
29.1
FWDi
101.5
42.7
arm
axis
X
Y
(Unit : mm)
0.12*
0.19*
0.023
°C/W
Rth(j-c)Q
Rth(j-c)F
Rth(c-f)
Inverter IGBT (per 1 element)
(Note-1)
Inverter FWDi (per 1 element)
(Note-1)
Case to fin, (per 1 module)
Thermal grease applied
(Note-1)
Symbol
Condition
Unit
Min.
Junction to case Thermal
Resistances
THERMAL RESISTANCES
Contact Thermal Resistance
Parameter
Limits
Typ.
Max.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PM100RSE060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150RSE120_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150CBS060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM200CBS060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150CLA060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM200CLA060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150CLA120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM200CLA120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM150CSA060_00 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM100RLA120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn