Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM5261A Datasheet(PDF) 3 Page - PMC-Sierra, Inc

Part # RM5261A
Description  64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

RM5261A Datasheet(HTML) 3 Page - PMC-Sierra, Inc

  RM5261A Datasheet HTML 1Page - PMC-Sierra, Inc RM5261A Datasheet HTML 2Page - PMC-Sierra, Inc RM5261A Datasheet HTML 3Page - PMC-Sierra, Inc RM5261A Datasheet HTML 4Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RM5231A™ Microprocessor with 32-Bit System Bus Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc and for its Customer’s Internal Use
3
Document ID: PMC-2002174, Issue 2
Revision History
Issue
No.
Issue Date
Details of Change
2
September 2001 Added 1.8 V to the feature: 1.65 V or 1.8 V core with 3.3 V or 2.5 V I/O (p9).
Changed recommended operating conditions VccInt to 1.57 V to 1.85 V and
VccP to 1.57 V to 1.85 V. Added VssP commercial and industrial values.
Modified Note 4.
Added reference to VccInt to Power Consumption table. Changed standby
modes to 350. Modified Note 1.
Modified SysClock Frequency and SysClock Period values in the Clock
Parameters table.
1
March 2001
Applied PMC-Sierra template to existing MPD (QED) FrameMaker document.
Revised the Absolute Maximum Ratings table to include industrial operating
temperatures. Revised the Recommended Operating conditions table (VccIO).
Revised the DC Electrical Characteristics section. Included 350 MHz Power
CPU Speed Power Consumption and Clock Parameter values. Revised the
System Interface Parameters table.


Similar Part No. - RM5261A

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
RM5261A PMC-RM5261A Datasheet
683Kb / 42P
   RM5261A??Microprocessor with 64-Bit System Bus Data Sheet Preliminary
RM5261A PMC-RM5261A Datasheet
39Kb / 2P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5261A-250-H PMC-RM5261A-250-H Datasheet
683Kb / 42P
   RM5261A??Microprocessor with 64-Bit System Bus Data Sheet Preliminary
RM5261A-300-H PMC-RM5261A-300-H Datasheet
683Kb / 42P
   RM5261A??Microprocessor with 64-Bit System Bus Data Sheet Preliminary
RM5261A-300-HI PMC-RM5261A-300-HI Datasheet
683Kb / 42P
   RM5261A??Microprocessor with 64-Bit System Bus Data Sheet Preliminary
More results

Similar Description - RM5261A

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000C PMC-RM7000C Datasheet
37Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000B PMC-RM7000B Datasheet
36Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com