Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5106FN Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV5106FN
Description  Bi-CMOS IC For cell phone system Power supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5106FN Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV5106FN Datasheet HTML 1Page - Sanyo Semicon Device LV5106FN Datasheet HTML 2Page - Sanyo Semicon Device LV5106FN Datasheet HTML 3Page - Sanyo Semicon Device LV5106FN Datasheet HTML 4Page - Sanyo Semicon Device LV5106FN Datasheet HTML 5Page - Sanyo Semicon Device LV5106FN Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LV5106FN
No.8931-3/6
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
REG3
Output voltage 1
VO3
IO = 30mA, ECO = H
2.45
2.5
2.55
V
Output voltage 2
VO3E
IO = 30mA, ECO = L
2.43
2.5
2.57
V
Drop out voltage
VDR3
VBAT = 2.4V, IO = 30mA
0.06
0.12
V
Load regulation
ΔVOLO3
IO = 1 to 50mA
10
50
mV
Line regulation
ΔVOLN3
VBAT = 3.3 to 4.5V, IO = 1mA
10
60
mV
Output voltage temperature
coefficient
ΔVO3/ΔTj
Ta = -25 to 75
°C, IO = 30mA
±100
ppm/
°C
Ripple rejection
VR3
VBAT = 3.6V, IO = 30mA, VRR = -20dBV,
fRR = 1kHz
65
dB
Output noise voltage
VON3
IO = 30mA, 20Hz < f < 20kHz
75
μVrms
REG4
Output voltage
VO4
IO = 30mA
2.91
3
3.09
V
Drop out voltage
VDR3
VBAT = 2.9V, IO = 30mA
0.06
0.12
V
Load regulation
ΔVOLO4
IO = 1 to 50mA
10
50
mV
Line regulation
ΔVOLN4
VBAT = 3.3 to 4.5V, IO = 1mA
10
60
mV
Output voltage temperature
coefficient
ΔVO4/ΔTj
Ta = -25 to 75
°C, IO = 30mA
±100
ppm/
°C
Ripple rejection
VR4
VBAT = 3.6V, IO = 30mA, VRR = -20dBV,
fRR = 1kHz
55
dB
Output noise voltage
VON4
IO = 30mA, 20Hz < f < 20kHz
75
μVrms
DET1
Detection voltage
VD1
H
→L
2.45
2.5
2.55
V
Hysteresis width
ΔVH1
75
125
175
mV
Detection voltage temperature
coefficient
ΔVD1/ΔTj
Ta = -25 to 75
°C
±100
ppm/
°C
VBATDET
Detection voltage
VDB
H
→L
3.04
3.1
3.16
V
Hysteresis width
ΔVHB
93
155
217
mV
Output pull-up resistance
RPDETB
1.4
1.8
2.2
M
Ω
Detection voltage temperature
coefficient
ΔVDB/ΔTj
Ta = -25 to 75
°C
±100
ppm/
°C
Charge pump
Output voltage 1
VCPO1
VBAT = 3.2 to 5.9V, Load current 80mA
4.8
5
5.2
V
Oscillation frequency
CPOSC
0.7
1
1.3
MHz
Output ripple
VRCP
VBAT = 3.6, Load current 80mA
±200
mVp-p
Efficiency
η
VBAT = 3.2, Load current 80mA
72
%
LED driver
LEDR output voltage
VLR
IO = 40mA
0
0.1
0.2
V
LEDG output voltage
VLG
IO = 40mA
0
0.1
0.2
V
LEDB output voltage
VLB
IO = 40mA
0
0.1
0.2
V
LEDF output voltage
VLF
IO = 40mA
0
0.15
0.3
V
LEDR OFF leak
ILR
0
1
μA
LEDG OFF leak
ILG
0
1
μA
LEDB OFF leak
ILB
0
1
μA
LEDF OFF leak
ILF
0
1
μA
Mic bias
Output ON resistance
RMO
IO = 10mA
10
Ω
OFF leakage current
ILM
0
1
μA
Output voltage (GP_0, 1)
Output H level
VOH
IO = 1mA
REG10
-0.3
REG10
V
Output L level
VOL
IO = 1mA
0
0.3
V
Continued on next page.


Similar Part No. - LV5106FN

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
LV5100E FOSHAN-LV5100E Datasheet
730Kb / 6P
   Schottky Barrier Diode in a TO-277 Plastic Package
logo
Sanyo Semicon Device
LV5103LP SANYO-LV5103LP Datasheet
124Kb / 11P
   Bi-CMOS LSI Cell Phone Power Supply IC
LV5105FN SANYO-LV5105FN Datasheet
161Kb / 9P
   For cell phone system Power supply
More results

Similar Description - LV5106FN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5103LP SANYO-LV5103LP Datasheet
124Kb / 11P
   Bi-CMOS LSI Cell Phone Power Supply IC
LV5105FN SANYO-LV5105FN Datasheet
161Kb / 9P
   For cell phone system Power supply
LV5217GP SANYO-LV5217GP Datasheet
106Kb / 12P
   Bi-CMOS IC For Cell Phones 3ch LED Driver
LV8411GR SANYO-LV8411GR Datasheet
86Kb / 7P
   Bi-CMOS LSI For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
LV8227LG SANYO-LV8227LG Datasheet
345Kb / 10P
   Bi-CMOS IC For MD and UMD System Motor Driver IC
LV5215LF SANYO-LV5215LF Datasheet
67Kb / 5P
   Bi-CMOS LSI For Use in Cell Phones LED Driver IC
logo
Fujitsu Component Limit...
MB3829 FUJITSU-MB3829 Datasheet
442Kb / 24P
   System Power Supply IC for Mobile Telephone
logo
Sanyo Semicon Device
LV23200T SANYO-LV23200T Datasheet
322Kb / 17P
   Bi-CMOS IC For Home Stereo System 1-chip Tuner IC Incorporating PLL
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com