Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV4900HR Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LV4900HR
Description  Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV4900HR Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LV4900HR Datasheet HTML 5Page - Sanyo Semicon Device LV4900HR Datasheet HTML 6Page - Sanyo Semicon Device LV4900HR Datasheet HTML 7Page - Sanyo Semicon Device LV4900HR Datasheet HTML 8Page - Sanyo Semicon Device LV4900HR Datasheet HTML 9Page - Sanyo Semicon Device LV4900HR Datasheet HTML 10Page - Sanyo Semicon Device LV4900HR Datasheet HTML 11Page - Sanyo Semicon Device LV4900HR Datasheet HTML 12Page - Sanyo Semicon Device LV4900HR Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LV4900HR
No.A0651-9/14
Functional Descriptions
System Standby
The bias levels are turned on and off under control of the high/low state of the STBY pin. When the STBY pin is low,
the bias levels will be turned off, and when that pin is high, the bias levels will be applied.
Mute Function
The mute function is provided mainly to mute the output so that impulse noise will not appear in the output when the
power supply is being turned on.
(1) Output Muting
The output PWM signal can be turned on or off by setting the MUTE pin high or low. When the MUTE pin is low, the
internal oscillator is stopped. This oscillator operates at all times that the MUTE pin is high.
(2) Power On Sequence
Applications should provide a power-on muting period of at least 500ms to minimize impulse noise.
Turn-on time: the time between the point the STBY pin is set high and the point the MUTE pin is set high.
(3) Power Down Sequence
Applications should provide a power down muting period of at least 100ms to minimize impulse noise.
Turn-off time: the time between the point the MUTE pin is set low and the point the STBY pin is set low.
Turn-on time
MUTE pin capacitor voltage
0
5 [V]
0
5 [V]
5V/DIV.
STBY pin
Internal power
supply
MUTE pin
Output pin
Amplifier on
MUTE pin
capacitor voltage
5V/DIV.
0
5 [V]
0
5 [V]
Power down time
STBY pin
Internal power supply
MUTE pin
Output pin Amplifier on


Similar Part No. - LV4900HR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4900H SANYO-LV4900H Datasheet
450Kb / 14P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
More results

Similar Description - LV4900HR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4900H SANYO-LV4900H Datasheet
450Kb / 14P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
LV4920H SANYO-LV4920H Datasheet
169Kb / 12P
   Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W횞2CH, 10W횞2CH
LV4901H SANYO-LV4901H Datasheet
212Kb / 14P
   Bi-CMOS LSI Buit-in 80mW Headphone amplifier BTL 10W횞2ch Crass-D Audio Power Amplifier
LV4910T SANYO-LV4910T Datasheet
87Kb / 7P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 2W 횞 2ch
LV4924VH SANYO-LV4924VH Datasheet
808Kb / 15P
   Class-D Audio power Amplifier Power cell BTL 10W횞2ch
LV4912GP SANYO-LV4912GP Datasheet
133Kb / 11P
   Bi-CMOS LSI Crass-D Audio Power Amplifier BTL 2W횞1ch
LV49157V SANYO-LV49157V Datasheet
1Mb / 30P
   Bi-CMOS LSI Class-D Audio Power Amplifier with built-in Headphone Ampifier BTL 15W 횞 2ch
logo
ON Semiconductor
LV49152V-TLM-E ONSEMI-LV49152V-TLM-E Datasheet
378Kb / 24P
   Class-D Audio Power Amplifier BTL 15W2ch
May, 2013
logo
Sanyo Semicon Device
LV4912GP SANYO-LV4912GP_11 Datasheet
165Kb / 11P
   Class-D Audio Power Amplifier BTL 2W횞1ch
LV49152V SANYO-LV49152V_10 Datasheet
481Kb / 24P
   Class-D Audio Power Amplifier BTL 15W 횞 2ch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com