Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV4900H Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LV4900H
Description  Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W×2ch
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV4900H Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV4900H Datasheet HTML 2Page - Sanyo Semicon Device LV4900H Datasheet HTML 3Page - Sanyo Semicon Device LV4900H Datasheet HTML 4Page - Sanyo Semicon Device LV4900H Datasheet HTML 5Page - Sanyo Semicon Device LV4900H Datasheet HTML 6Page - Sanyo Semicon Device LV4900H Datasheet HTML 7Page - Sanyo Semicon Device LV4900H Datasheet HTML 8Page - Sanyo Semicon Device LV4900H Datasheet HTML 9Page - Sanyo Semicon Device LV4900H Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LV4900H
No.A0097-6/14
Continued from preceding page.
Pin No.
Pin
I/O
Description
Equivalent Circuit
9
VBIAS
O
Internal power supply decoupling capacitor
connection
10
GND
Analog system ground
11
MUTECAP
O
Muting system capacitor connection
12
MUTE
I
Muting control
13
NC
No connection
14
NC
No connection
15
VIN2-
I
Channel 2 inverting input
16
VIN2+
I
Channel 2 noninverting input
17
NC
No connection
18
NC
No connection
19
PVD2
Channel 2 power system power supply
20
PVD2
Channel 2 power system power supply
Continued on next page.
9
VD
GND
1k
? 1k?
11
VCC
VDD
GND
VD
1k
?
12
VD
GND
300
?
15
VD
GND
VBIAS
300
?
16
VD
GND
VBIAS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn