Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV4900H Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LV4900H
Description  Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W×2ch
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV4900H Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV4900H Datasheet HTML 1Page - Sanyo Semicon Device LV4900H Datasheet HTML 2Page - Sanyo Semicon Device LV4900H Datasheet HTML 3Page - Sanyo Semicon Device LV4900H Datasheet HTML 4Page - Sanyo Semicon Device LV4900H Datasheet HTML 5Page - Sanyo Semicon Device LV4900H Datasheet HTML 6Page - Sanyo Semicon Device LV4900H Datasheet HTML 7Page - Sanyo Semicon Device LV4900H Datasheet HTML 8Page - Sanyo Semicon Device LV4900H Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LV4900H
No.A0097-5/14
Pin Equivalent Circuit
Pin No.
Pin
I/O
Description
Equivalent Circuit
1
STBY
I
Standby mode control
2
NC
No connection
3
VIN1+
I
Channel 1 noninverting input
4
VIN1-
I
Channel 1 inverting input
5
NC
No connection
6
VCC
O
Internal power supply decoupling capacitor
connection
7
NC
No connection
8
BIASCAP
O
Internal power supply decoupling capacitor
connection
Continued on next page.
VD
GND
1k
1
VD
GND
300
3
VBIAS
VD
GND
300
4
VBIAS
6
VD
GND
1k
8
VD
GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn