Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV4900H Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LV4900H
Description  Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W×2ch
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV4900H Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV4900H Datasheet HTML 1Page - Sanyo Semicon Device LV4900H Datasheet HTML 2Page - Sanyo Semicon Device LV4900H Datasheet HTML 3Page - Sanyo Semicon Device LV4900H Datasheet HTML 4Page - Sanyo Semicon Device LV4900H Datasheet HTML 5Page - Sanyo Semicon Device LV4900H Datasheet HTML 6Page - Sanyo Semicon Device LV4900H Datasheet HTML 7Page - Sanyo Semicon Device LV4900H Datasheet HTML 8Page - Sanyo Semicon Device LV4900H Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LV4900H
No.A0097-3/14
Block Diagram and Application Circuit Example 1 (RL = 8?)
VD
Supply
Thermal
Sequence
0-5V
IN_CH2-
IN_CH2+
IN_CH1+
IN_CH1-
0-5V
R
L
R
L
Receiver
Control delay
Control delay
Output stage
Receiver
Output stage
Output stage
Output stage
PGND1
PGND1
PGND2
PGND2
V
DD
1
V
DD
2
PVD1
PVD1
PVD2
PVD2
STBY
MUTE
V
CC
BIASCAP
VBIAS
NC
NC
NC
NC
NC
NC
NC
22
H
22
H
22
H
22
H
0.33
F
0.33
F
0.33
F
0.33
F
1
F
1
F
1000
F
1
F
1
F1F1F
1
F
1
F
1
F
1
F
1
F
1
F
0.1
F
0.1
F
0.1
F
0.1
F
1
F
1
F
MUTECAP
V
IN
1+
V
IN
1-
GND
V
IN
2-
V
IN
2+
OUT2+
BOOT2+
OUT2-
BOOT2-
OUT1-
BOOT1-
BOOT1+
OUT1+
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
1
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn