Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV4900H Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part No. LV4900H
Description  Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W×2ch
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV4900H Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LV4900H Datasheet HTML 6Page - Sanyo Semicon Device LV4900H Datasheet HTML 7Page - Sanyo Semicon Device LV4900H Datasheet HTML 8Page - Sanyo Semicon Device LV4900H Datasheet HTML 9Page - Sanyo Semicon Device LV4900H Datasheet HTML 10Page - Sanyo Semicon Device LV4900H Datasheet HTML 11Page - Sanyo Semicon Device LV4900H Datasheet HTML 12Page - Sanyo Semicon Device LV4900H Datasheet HTML 13Page - Sanyo Semicon Device LV4900H Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LV4900H
No.A0097-13/14
Power – W
THD+N -- Power
0.01
0.1
5
7
3
2
1
5
7
3
2
5
7
3
2
10
0.001
0.01
7
5
3
2
0.1
7
5
3
2
1
7
5
3
27
5
3
2
10
Frequency, f – Hz
THD+N -- Frequency
0.001
3
2
5
7
10
3
2
5
7
10
3
2
5
7
3
2
5
7
10
10
10
100
7
5
3
2
1k
7
5
3
2
10k
7
5
3
27
5
3
2
100k
Frequency, f – Hz
Response -- Frequency
– 20
– 15
– 10
– 5
0
5
10
10
7100
35
27 1k
35
27 10k
35
27
35
27 100
35
27 1k
35
27 10k
35
27
35
2
100k
Frequency, f – Hz
Phase -- Frequency
– 80
– 60
– 40
– 20
20
0
40
60
10
100k
Frequency, f – Hz
CH Sep. -- Frequency
– 80
– 60
– 50
– 70
– 40
– 30
– 20
– 10
0
0.01
7
5
3
2
0.1
7
5
3
2
10
10
7100
35
27
35
27
35
27
35
2
1k
10k
7 10
35
27100
35
27 1k
35
2710k
35
27
35
2
100k
Rg –
VNO -- Rg
1
100k
Ripple Frequency – Hz
SVRR -- Ripple Frequency
– 80
– 70
– 60
– 50
– 40
– 30
– 20
– 10
0
0
80
60
40
20
100
10
7100
35
27
35
27
35
2
7 1k
10k
35
2
9
36
12
100k
Power – W
Efficiency -- Power
015
VD = 12V
RL = 8Ω
2ch-Drive
AES17
VD = 12V
RL = 8Ω
Rg = 0
VO = 0dBm
DIN AUDIO
VD = 12V
RL = 8Ω
Rg = 0
VDr = 0dBm
A-weight
VD = 12V
RL = 8Ω
PO = 1W
2ch-Drive
AES17
VD = 12V
RL = 8Ω
PO = 1W
VD = 12V
RL = 8Ω
PO = 1W
VD = 12V
RL = 8Ω
A-weight
fin = 6.67kHz
fin = 100Hz
CH1
CH2
CH2
CH1
fin = 1kHz
VD = 12V
fin = 1kHz
2ch-Drive
AES17
RL = 4Ω
RL = 8Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn