Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV4900H Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part No. LV4900H
Description  Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W×2ch
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV4900H Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LV4900H Datasheet HTML 6Page - Sanyo Semicon Device LV4900H Datasheet HTML 7Page - Sanyo Semicon Device LV4900H Datasheet HTML 8Page - Sanyo Semicon Device LV4900H Datasheet HTML 9Page - Sanyo Semicon Device LV4900H Datasheet HTML 10Page - Sanyo Semicon Device LV4900H Datasheet HTML 11Page - Sanyo Semicon Device LV4900H Datasheet HTML 12Page - Sanyo Semicon Device LV4900H Datasheet HTML 13Page - Sanyo Semicon Device LV4900H Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LV4900H
No.A0097-12/14
Ist -- VD
0
16
12
8
4
20
010
8
6
4
212
14
Externally applied voltage, VD – V
Imute -- VD
0
4
8
12
16
010
8
6
4
212
14
Externally applied voltage, VD – V
ICC -- VD
0
60
40
20
80
08
10
46
2
12
2
6
8
10
12
4
14
Externally applied voltage, VD – V
VCC -- VD
0
4
2
6
8
10
014
Externally applied voltage, VD – V
VBIAS -- VD
0
4
6
2
7
5
5
3
2
7
5
3
3
2
2
7
7
5
3
2
8
0
2
1
3
4
5
6
04
6
212
810
8
46
212
10
14
Externally applied voltage, VD – V
VDD -- VD
014
Input voltage, VIN – mVp
Power -- VIN
0.01
0.1
1.0
10
100
0
16
12
8
4
20
10
7
100
35
27
35
2
12
10
11
913
1000
Externally applied voltage, VD – V
Power -- VD
814
Externally applied voltage, VD – V
RL = 8Ω
Rg = 0
STBY = L
MUTE = L
RL = 8Ω
Rg = 0
STBY = H
MUTE = H
RL = 8Ω
Rg = 0
STBY = H
MUTE = L
RL = 8Ω
Rg = 0
RL = 8Ω
Rg = 0
RL = 8Ω
Rg = 0
VD = 12V
fin = 1kHz
2ch-Drive
AES17
fin = 1kHz
THD+N = 10%
2ch-Drive
AES17
R L
=
4Ω
R L
=
8Ω
R L
= 4
R L
= 8Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn