Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV4900H Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part No. LV4900H
Description  Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W×2ch
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV4900H Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LV4900H Datasheet HTML 6Page - Sanyo Semicon Device LV4900H Datasheet HTML 7Page - Sanyo Semicon Device LV4900H Datasheet HTML 8Page - Sanyo Semicon Device LV4900H Datasheet HTML 9Page - Sanyo Semicon Device LV4900H Datasheet HTML 10Page - Sanyo Semicon Device LV4900H Datasheet HTML 11Page - Sanyo Semicon Device LV4900H Datasheet HTML 12Page - Sanyo Semicon Device LV4900H Datasheet HTML 13Page - Sanyo Semicon Device LV4900H Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LV4900H
No.A0097-11/14
Components
Symbol
Part No.
Function
-----
SW1
Standby switch. Lower position: standby state
-----
SW2
Mute switch. Lower position: mute state
CVCC
C1
Internal power supply (VCC) output coupling capacitor
CBIASCAP
C2
Internal power supply (VBIAS) input coupling capacitor
CVBIAS
C3
Internal power supply (VBIAS) output coupling capacitor
CMUTE
C4
Soft muting time constant adjustment capacitor
CIN
C5, C6, C7, C8
Input capacitors
*
CVDD
C9, C10
Internal power supply (VDD) output coupling capacitors
*
CVD
C11, C12
VD high-frequency attenuation capacitors
*
CBOOT
C13, C14, C15, C16
Bootstrap capacitor
LO
L1, L2, L3, L4
Output low-pass filter coils: fc = 1/ (2
π√LoCo)
CO
C17, C18, C19, C20
Output low-pass filter capacitors
CVD
C21
VD power supply capacitors
* CVDD, CVD and CBOOT, Each capacitor is arranged in the neighborhood of IC as much as possible.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn