Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV4150W Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LV4150W
Description  Bi-CMOS LSI For LCD Panel Drive Single Chip IC
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LV4150W Datasheet(HTML) 2 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LV4150W
No.8930-2/26
Operating Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC1
Analog LOW type
3.0
V
VCC2
Analog HIGH type
7.0
V
Recommended supply voltage
VDD
Digital type
3.0
V
VCC1op
Analog LOW type
2.7 to 3.6
V
VCC2op
Analog HIGH type
6 to 9.5
V
Operating voltage range
VDDop
Digital type
2.7 to 3.6
V
Recommended signal input
voltage
RGBin
Pedestal - white
0.35
Vp-p
Electrical DC Characteristics
Unless otherwise specified, the setting 1 and 2 must be made.
Unless otherwise specified, VCC1 = 3V, VCC2 = VCCCOM = 7V, GND1 = GND2 = GNDCON = 0,
VDD1 = VDD2 = VDD0 = 3V, VSS1 = VSS2 = VSS0 = 0, Ta = 25°C
[Current Characteristics]
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Normal
9.5
14
18.5
mA
Current dissipation VCC1
ICC11
Enter SIG4 (VL = 0mV) to (A).
Measure the current value of ICC1.
Standby
1
1.5
2
mA
Normal
1.5
2.8
3.5
mA
Current dissipation VCC2
ICC2
Enter SIG4 (VL = 0mV) to (A).
Measure the current value of ICC2.
Standby
0
0.1
0.2
mA
IDD1
Normal
3.5
6.5
8.5
mA
IDD2
Standby
3
6
8
mA
Current dissipation VDD, logic
IDD3
Enter SIG4 (VL = 0mV) to (A).
Measure the current value of IDD11
and IDD22.
IDD1, IDD2, IDD3 = IDD11+IDD22
Sleep
2
2.6
3.5
mA
[Digital block input/output characteristics]
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
L-level input voltage
VIL
Digital block input pin (Note 1)
0.3VDD
V
H-level input voltage
VIH
Digital block input pin (Note 1)
0.7VDD
V
H-level output voltage
VOHT
VDD = 3.0V IOH = -1.0mA (Note 2)
2.8
V
L-level output voltage
VOL
IOL = 1.0mA (Note 2)
0.3
V
tTLH
30
ns
Output transition time
tTHL
Load 30pF (see Fig. 2)
30
ns
Cross point time difference
ΔT
Load 30pF
Measure CKH1 and CKH2.(see Fig. 3)
10
ns
CHK duty
DTYHC
Load 30pF
Measure the duty of CKH1 and CKH2.
47
50
53
%
(Note 1) Digital block input pins : LOAD, DATA, SCLK, VDIN, HDIN, CLPIN
(Note 2) Digital block output pin (pins 13 to 15 and 17 to 30)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn