Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV4150W Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LV4150W
Description  Bi-CMOS LSI For LCD Panel Drive Single Chip IC
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LV4150W Datasheet(HTML) 1 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
50907 TI PC B8-66197 No.8930-1/26
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
LV4150W
Overview
The LV4150W is single chip IC for LCD panel drive.
Functions
• Analog block RGB Decoder/Driver
• Digital block Timing Generator
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC1 max
Analog LOW type
6
V
VCC2 max
Analog HIGH type
12
V
Maximum supply voltage
VDD max
Digital type
4.5
V
Allowable power dissipation
Pd max
Ta
≤ 75°C * Mounted on a board.
350
mW
Operating temperature
Topr
-15 to +75
°C
Storage temperature
Tstg
-40 to +125
°C
VINA0
Analog input pin (other than pin 33)
-0.3 to VCC1V
VINA1
Analog input pin (33PIN)
-0.3 to 10
V
VIND0
Digital input pin (other than pins 10, 11, and 12)
-0.3 to VDD+0.3
V
Input pin voltage
VIND1
Digital input pin (10, 11, 12PIN)
-0.3 to +4.5
V
* : Mounted on a board : 30
×30×1.6mm3, glass epoxy board
Bi-CMOS LSI
For LCD Panel Drive
Single Chip IC
Ordering number : EN8930A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn